Electronic Components Datasheet Search
  English  ▼

X  

XRT75R12IB Datasheet(PDF) 83 Page - Exar Corporation

Part # XRT75R12IB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12IB Datasheet(HTML) 83 Page - Exar Corporation

Back Button XRT75R12IB Datasheet HTML 79Page - Exar Corporation XRT75R12IB Datasheet HTML 80Page - Exar Corporation XRT75R12IB Datasheet HTML 81Page - Exar Corporation XRT75R12IB Datasheet HTML 82Page - Exar Corporation XRT75R12IB Datasheet HTML 83Page - Exar Corporation XRT75R12IB Datasheet HTML 84Page - Exar Corporation XRT75R12IB Datasheet HTML 85Page - Exar Corporation XRT75R12IB Datasheet HTML 86Page - Exar Corporation XRT75R12IB Datasheet HTML 87Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 90 page
background image
XRT75R12
80
REV. 1.0.4
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
TABLE 41: XRT75R12 REGISTER MAP SHOWING JITTER ATTENUATOR CONTROL REGISTERS (JA_n)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Reserved
JA RESET
Ch_n
JA1 Ch_n
JA in Tx Path
Ch_n
JA0 Ch_n
R/W
R/W
R/W
R/W
TABLE 42: JITTER ATTENUATOR CONTROL REGISTER - CHANNEL n ADDRESS LOCATION = 0XM7
(n = [0:11] & M= 0-5 & 8-D)
BIT NUMBER
NAME
TYPE
DESCRIPTION
7 - 4
Reserved
3
JA RESET Ch_n
R/W
Jitter Attenuator RESET - Channel_n:
Writing a "0 to 1" transition within this bit-field will configure the Jitter
Attenuator (within Channel_n) to execute a RESET operation.
Whenever the user executes a RESET operation, then following will
occur.
• The READ and WRITE pointers (within the Jitter Attenuator FIFO) will
be reset to their default values.
• The contents of the Jitter Attenuator FIFO will be flushed.
NOTE:
The user must follow up any "0 to 1" transition with the
appropriate write operate to set this bit-field back to "0", in order
to resume normal operation with the Jitter Attenuator.
2
JA1 Ch_n
R/W
Jitter Attenuator Configuration Select Input - Bit 1:
This READ/WRITE bit-field, along with Bit 0 (JA0 Ch_n) is used to do
any of the following.
• To enable or disable the Jitter Attenuator corresponding to
Channel_n.
• To select the FIFO Depth for the Jitter Attenuator within Channel_n.
The relationship between the settings of these two bit-fields and the
Enable/Disable States, and FIFO Depths is presented below.
JA0
JA1
Jitter Attenuator Mode
1
1
Disabled
1
0
Disabled
0
1
FIFO Depth = 32 bits
0
0
FIFO Depth = 16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com