Electronic Components Datasheet Search
  English  ▼

X  

XRT75R12IB Datasheet(PDF) 71 Page - Exar Corporation

Part # XRT75R12IB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12IB Datasheet(HTML) 71 Page - Exar Corporation

Back Button XRT75R12IB Datasheet HTML 67Page - Exar Corporation XRT75R12IB Datasheet HTML 68Page - Exar Corporation XRT75R12IB Datasheet HTML 69Page - Exar Corporation XRT75R12IB Datasheet HTML 70Page - Exar Corporation XRT75R12IB Datasheet HTML 71Page - Exar Corporation XRT75R12IB Datasheet HTML 72Page - Exar Corporation XRT75R12IB Datasheet HTML 73Page - Exar Corporation XRT75R12IB Datasheet HTML 74Page - Exar Corporation XRT75R12IB Datasheet HTML 75Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
XRT75R12
68
REV. 1.0.4
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
TABLE 32: SOURCE LEVEL INTERRUPT STATUS REGISTER - CHANNEL N ADDRESS LOCATION = 0XM2
(n = [0:11] & M= 0-5 & 8-D)
BIT NUMBER
NAME
TYPE
DESCRIPTION
7 - 4
Reserved
3
Change of FL Con-
dition Interrupt Sta-
tus
RUR
Change of FL (FIFO Limit Alarm) Condition Interrupt Status - Ch n:
This RESET-upon-READ bit-field indicates whether or not the Change of FL
Condition Interrupt (for Channel n) has occurred since the last read of this
register.
0 - Indicates that the Change of FL Condition Interrupt has NOT occurred
since the last read of this register.
1 - Indicates that the Change of FL Condition Interrupt has occurred since
the last read of this register.
NOTE: The user can determine the current state of the FIFO Alarm condition
by reading out the contents of Bit 3 (FL Alarm Declared) within the
Alarm Status Register.(n)
2
Change of LOL Con-
dition Interrupt Sta-
tus
RUR
Change of Receive LOL (Loss of Lock) Condition Interrupt Status - Ch
n:
This RESET-upon-READ bit-field indicates whether or not the Change of
Receive LOL Condition Interrupt (for Channel n) has occurred since the last
read of this register.
0 - Indicates that the Change of Receive LOL Condition Interrupt has NOT
occurred since the last read of this register.
1 - Indicates that the Change of Receive LOL Condition Interrupt has
occurred since the last read of this register.
NOTE: The user can determine the current state of the Receive LOL Defect
condition by reading out the contents of Bit 2 (Receive LOL Defect
Declared) within the Alarm Status Register.(n)
1
Change of LOS
Condition Interrupt
Status
RUR
Change of Receive LOS (Loss of Signal) Defect Condition Interrupt
Status: Ch_n
This RESET-upon-READ bit-field indicates whether or not the Change of the
Receive LOS Defect Condition Interrupt (for Channel n) has occurred since
the last read of this register.
0 - Indicates that the Change of the Receive LOS Defect Condition Interrupt
has NOT occurred since the last read of this register.
1 - Indicates that the Change of the Receive LOS Defect Condition Interrupt
has occurred since the last read of this register.
NOTE: The user can determine the current state of the Receive LOS Defect
condition by reading out the contents of Bit 1 (Receive LOS Defect
Declared) within the Alarm Status Register.(n)
0
Change of DMO
Condition Interrupt
Status
RUR
Change of Transmit DMO (Drive Monitor Output) Condition Interrupt
Status - Ch n:
This RESET-upon-READ bit-field indicates whether or not the Change of the
Transmit DMO Condition Interrupt (for Channel n) has occurred since the
last read of this register.
0 - Indicates that the Change of the Transmit DMO Condition Interrupt has
NOT occurred since the last read of this register.
1 - Indicates that the Change of the Transmit DMO Condition Interrupt has
occurred since the last read of this register.
NOTE:
The user can determine the current state of the Transmit DMO
Condition by reading out the contents of Bit 0 (Transmit DMO
Condition) within the Alarm Status Register.(n)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com