Electronic Components Datasheet Search
  English  ▼

X  

XRT75R12IB Datasheet(PDF) 74 Page - Exar Corporation

Part # XRT75R12IB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12IB Datasheet(HTML) 74 Page - Exar Corporation

Back Button XRT75R12IB Datasheet HTML 70Page - Exar Corporation XRT75R12IB Datasheet HTML 71Page - Exar Corporation XRT75R12IB Datasheet HTML 72Page - Exar Corporation XRT75R12IB Datasheet HTML 73Page - Exar Corporation XRT75R12IB Datasheet HTML 74Page - Exar Corporation XRT75R12IB Datasheet HTML 75Page - Exar Corporation XRT75R12IB Datasheet HTML 76Page - Exar Corporation XRT75R12IB Datasheet HTML 77Page - Exar Corporation XRT75R12IB Datasheet HTML 78Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
XRT75R12
71
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.4
3
FL Alarm Declared
R/O
FL (FIFO Limit) Alarm Declared:
This READ-ONLY bit-field indicates whether or not the Jitter Attenuator
block (within Channel_n) is currently declaring the FIFO Limit Alarm.
The Jitter Attenuator block will declare the FIFO Limit Alarm anytime the Jit-
ter Attenuator FIFO comes within two bit-periods of either overflowing or
under-running.
Conversely, the Jitter Attenuator block will clear the FIFO Limit Alarm any-
time the Jitter Attenuator FIFO is NO longer within two bit-periods of either
overflowing or under-running.
Typically, this Alarm will only be declared whenever there is a very serious
problem with timing or jitter in the system.
0 - Indicates that the Jitter Attenuator block (within Channel_n) is NOT cur-
rently declaring the FIFO Limit Alarm condition.
1 - Indicates that the Jitter Attenuator block (within Channel_n) is currently
declaring the FIFO Limit Alarm condition.
NOTE: This bit-field is only active if the Jitter Attenuator (within Channel_n)
has been enabled.
2
Receive LOL Condi-
tion Declared
R/O
Receive LOL (Loss of Lock) Condition Declared:
This READ-ONLY bit-field indicates whether or not the Receive Section
(within Channel_n) is currently declaring the LOL (Loss of Lock) condition.
The Receive Section (of Channel_n) will declare the LOL Condition, if the
frequency of the Recovered Clock signal differs from that of the reference
clock programmed for that channel (from the appropriate oscillator or the
SFM clock synthesizer if in that mode) by 0.5% (or 5000ppm) or more .
0 - Indicates that the Receive Section of Channel_n is NOT currently declar-
ing the LOL Condition.
1 - Indicates that the Receive Section of Channel_n is currently declaring
the LOL Condition and the recovered clock differs by more than 0.5%..
TABLE 34: ALARM STATUS REGISTER - CHANNEL n ADDRESS LOCATION = 0XM3
(n = [0:11] & M= 0-5 & 8-D)
BIT NUMBER
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com