Electronic Components Datasheet Search
  English  ▼

X  

MB91F613 Datasheet(PDF) 66 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 66 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 62Page - fujitsu semiconductor MB91F613 Datasheet HTML 63Page - fujitsu semiconductor MB91F613 Datasheet HTML 64Page - fujitsu semiconductor MB91F613 Datasheet HTML 65Page - fujitsu semiconductor MB91F613 Datasheet HTML 66Page - fujitsu semiconductor MB91F613 Datasheet HTML 67Page - fujitsu semiconductor MB91F613 Datasheet HTML 68Page - fujitsu semiconductor MB91F613 Datasheet HTML 69Page - fujitsu semiconductor MB91F613 Datasheet HTML 70Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 104 page
background image
MB91610 Series
66
DS07-16907-2E
2.
Recommended Operating Conditions
(VSS
= AVSS = 0.0 V)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Power supply voltage
VCC
3.0
⎯
3.6
V
Analog power supply voltage
AVCC
3.0
⎯
3.6
V
AVCC
≤ VCC
Analog reference voltage
AVRH
AVSS
⎯
AVCC
V
Smoothing capacitor
Cs
⎯
4.7
⎯μF
Operating temperature
Ta
− 40
⎯
+ 85
°C
• C Pin Connection Diagram
CS
C
This series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com