Electronic Components Datasheet Search
  English  ▼

X  

MB91F613 Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 22Page - fujitsu semiconductor MB91F613 Datasheet HTML 23Page - fujitsu semiconductor MB91F613 Datasheet HTML 24Page - fujitsu semiconductor MB91F613 Datasheet HTML 25Page - fujitsu semiconductor MB91F613 Datasheet HTML 26Page - fujitsu semiconductor MB91F613 Datasheet HTML 27Page - fujitsu semiconductor MB91F613 Datasheet HTML 28Page - fujitsu semiconductor MB91F613 Datasheet HTML 29Page - fujitsu semiconductor MB91F613 Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 104 page
background image
MB91610 Series
26
DS07-16907-2E
• Baking
Packages that have absorbed moisture may be de-moisturized by baking (heat drying). Follow the FUJITSU
MICROELECTRONICS recommended conditions for baking.
Condition:
+ 125 °C/24 h
• Static Electricity
Because semiconductor devices are particularly susceptible to damage by static electricity, you must take the
following precautions:
(a) Maintain relative humidity in the working environment between 40% and 70%. Use of an apparatus for ion
generation may be needed to remove electricity.
(b) Electrically ground all conveyors, solder vessels, soldering irons and peripheral equipment.
(c) Eliminate static body electricity by the use of rings or bracelets connected to ground through high resistance
(on the level of 1 M
Ω). Wearing of conductive clothing and shoes, use of conductive floor mats and other
measures to minimize shock loads is recommended.
(d) Ground all fixtures and instruments, or protect with anti-static measures.
(e) Avoid the use of styrofoam or other highly static-prone materials for storage of completed board assemblies.
• Precautions for Use Environment
Reliability of semiconductor devices depends on ambient temperature and other conditions as described above.
For reliable performance, do the following:
(1) Humidity
Prolonged use in high humidity can lead to leakage in devices as well as printed circuit boards. If high humidity
levels are anticipated, consider anti-humidity processing.
(2) Discharge of Static Electricity
When high-voltage charges exist close to semiconductor devices, discharges can cause abnormal operation.
In such cases, use anti-static measures or processing to prevent discharges.
(3) Corrosive Gases, Dust, or Oil
Exposure to corrosive gases or contact with dust or oil may lead to chemical reactions that will adversely
affect the device. If you use devices in such conditions, consider ways to prevent such exposure or to protect
the devices.
(4) Radiation, Including Cosmic Radiation
Most devices are not designed for environments involving exposure to radiation or cosmic radiation. Users
should provide shielding as appropriate.
(5) Smoke, Flame
Note : Plastic molded devices are flammable, and therefore should not be used near combustible substances.
If devices begin to smoke or burn, there is danger of the release of toxic gases.
Customers considering the use of FUJITSU MICROELECTRONICS products in other special environmental
conditions should consult with sales representatives.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com