Electronic Components Datasheet Search
  English  ▼

X  

MB91F613 Datasheet(PDF) 94 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 94 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 90Page - fujitsu semiconductor MB91F613 Datasheet HTML 91Page - fujitsu semiconductor MB91F613 Datasheet HTML 92Page - fujitsu semiconductor MB91F613 Datasheet HTML 93Page - fujitsu semiconductor MB91F613 Datasheet HTML 94Page - fujitsu semiconductor MB91F613 Datasheet HTML 95Page - fujitsu semiconductor MB91F613 Datasheet HTML 96Page - fujitsu semiconductor MB91F613 Datasheet HTML 97Page - fujitsu semiconductor MB91F613 Datasheet HTML 98Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 104 page
background image
MB91610 Series
94
DS07-16907-2E
7.
USB Characteristics
(VCC
= AVCC = 3.0 V to 3.6 V, VSS = AVSS = 0 V, Ta = − 40 °C to + 85 °C)
*1 : The switching threshold voltage of Single-End-Receiver of USB I/O buffer is set as within VIL (Max)
= 0.8 [V],
VIH (Min)
= 2.0 [V] (TTL input standard).
There are some hystereses to lower noise sensitivity.
(Continued)
Parameter
Sym-
bol
Pin
name
Conditions
Value
Unit
Remarks
Min
Max
Input
characteristics
Input High level
voltage
VIH
UDP,
UDM
⎯
2.0
VCC
+ 0.3
V
*1
Input Low level
voltage
VIL
⎯
VSS
− 0.3
0.8
V
*1
Differential input
sensitivity
VDI
⎯
0.2
⎯
V*2
Differential common
mode input voltage
VCM
⎯
0.8
2.5
V
*2
Output
characteristics
Output High level
voltage
VOH
External
pull-down
resistance
=
15 k
Ω
2.8
3.6
V
*3
Output Low level
voltage
VOL
External
pull-up
resistance
=
1.5 k
Ω
0.0
0.3
V
*3
Crossover voltage
VCRS
⎯
1.3
2.0
V
*4
Rise time
tFR
⎯
420
nS
*5
Fall time
tFF
⎯
420
nS
*5
Rise/fall
time matching
tRFM
⎯
90
111.11
%
*5
Output impedance
ZDRV
⎯
28
44
Ω
Including
Rs
= 27 Ω
Input
capacitance
Transceiver edge
rate control
capacitance
CEDGE
⎯⎯
75
pF
*6
Series resistance
RS
⎯
25
30
Ω
Recommended
value:27
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com