Electronic Components Datasheet Search
  English  ▼

X  

MB91F613 Datasheet(PDF) 84 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 84 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 80Page - fujitsu semiconductor MB91F613 Datasheet HTML 81Page - fujitsu semiconductor MB91F613 Datasheet HTML 82Page - fujitsu semiconductor MB91F613 Datasheet HTML 83Page - fujitsu semiconductor MB91F613 Datasheet HTML 84Page - fujitsu semiconductor MB91F613 Datasheet HTML 85Page - fujitsu semiconductor MB91F613 Datasheet HTML 86Page - fujitsu semiconductor MB91F613 Datasheet HTML 87Page - fujitsu semiconductor MB91F613 Datasheet HTML 88Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 104 page
background image
MB91610 Series
84
DS07-16907-2E
(10) I2C Timing
(VCC
= AVCC = 3.0 V to 3.6 V, VSS = AVSS = 0 V, Ta = − 40 °C to + 85 °C)
*1 : R and C represent the pull-up resistance and load capacitance of the SCL and SDA lines, respectively. Vp
indicates the power supply voltage of the pull-up resistance and IOL indicates VOL guaranteed current.
*2 : The maximum tHDDAT must satisfy that it doesn't extend at least “L” period (tLOW) of device's SCL signal.
*3 : A high-speed mode I2C bus device can be used on a standard mode I2C bus system as long as the device
satisfies the requirement of “tSUDAT
≥ 250 ns”.
*4 : tCYCP is the peripheral clock cycle time. To use I2C, set the peripheral bus clock at 8 MHz or more.
Parameter
Symbol
Pin name
Condi-
tions
Typical mode
High-speed mode*3
Unit
Min
Max
Min
Max
SCL clock frequency
fSCL
SCKn
(SCLn)
CL
= 50 pF,
R
=
(Vp/IOL) *1
01000400
kHz
“(Repeated) START
condition” hold time
SDA
↓ → SCL ↓
tHDSTA
SOUTn
(SDAn)
SCKn
(SCLn)
4.0
⎯
0.6
⎯μs
SCL clock “L” width
tLOW
SCKn
(SCLn)
4.7
⎯
1.3
⎯μs
SCL clock “H” width
tHIGH
SCKn
(SCLn)
4.0
⎯
0.6
⎯μs
“Repeated START
condition” setup time
SCL
↑→ SDA ↓
tSUSTA
SCKn
(SCLn)
4.7
⎯
0.6
⎯μs
Data hold time
SCL
↓ → SDA ↓ ↑
tHDDAT
SOUTn
(SDAn)
SCKn
(SCLn)
0
3.45*2
00.9*3
μs
Data setup time
SDA
↓ ↑→ SCL↑
tSUDAT
SOUTn
(SDAn)
SCKn
(SCLn)
250
⎯
100
⎯
ns
“STOP condition” setup
time
SCL
↑→ SDA↑
tSUSTO
SOUTn
(SDAn)
SCKn
(SCLn)
4.0
⎯
0.6
⎯μs
Bus free time between
“STOP condition” and
“START condition”
tBUF
⎯
4.7
⎯
1.3
⎯μs
Noise filter
tSP
⎯⎯
2 tCYCP *4
⎯
2 tCYCP *4
⎯
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com