Electronic Components Datasheet Search
  English  ▼

X  

MB91F613 Datasheet(PDF) 93 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 93 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 89Page - fujitsu semiconductor MB91F613 Datasheet HTML 90Page - fujitsu semiconductor MB91F613 Datasheet HTML 91Page - fujitsu semiconductor MB91F613 Datasheet HTML 92Page - fujitsu semiconductor MB91F613 Datasheet HTML 93Page - fujitsu semiconductor MB91F613 Datasheet HTML 94Page - fujitsu semiconductor MB91F613 Datasheet HTML 95Page - fujitsu semiconductor MB91F613 Datasheet HTML 96Page - fujitsu semiconductor MB91F613 Datasheet HTML 97Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 104 page
background image
MB91610 Series
DS07-16907-2E
93
6.
Electrical Characteristics for the Analog RGB D/A Converter
(VCC
= AVCC = 3.0 V to 3.6 V, VSS = AVSS = 0 V, Ta = − 40 °C to + 85 °C)
Parameter
Value
Unit
Remarks
Min
Typ
Max
Resolution
⎯⎯
5
bit
ROUT, BOUT
⎯⎯
6
bit
GOUT
Linearity error
− 2.0
⎯
+ 2.0
LSB
When the output is unloaded
Differential linearity error
− 1.0
⎯
+ 1.0
LSB
When the output is unloaded
Analog output impedance
⎯
250
⎯
k
Ω
Analog output
< 1.0 V
Analog current
(R/B/GOUT)
4.5
5.2
5.8
mA
Full-scale
02
20
μA
Zero-scale
Power supply current
(VDDD)
⎯
25
27
mA
VREF
= 1.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com