Electronic Components Datasheet Search
  English  ▼

X  

MB91F613 Datasheet(PDF) 100 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 100 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 96Page - fujitsu semiconductor MB91F613 Datasheet HTML 97Page - fujitsu semiconductor MB91F613 Datasheet HTML 98Page - fujitsu semiconductor MB91F613 Datasheet HTML 99Page - fujitsu semiconductor MB91F613 Datasheet HTML 100Page - fujitsu semiconductor MB91F613 Datasheet HTML 101Page - fujitsu semiconductor MB91F613 Datasheet HTML 102Page - fujitsu semiconductor MB91F613 Datasheet HTML 103Page - fujitsu semiconductor MB91F613 Datasheet HTML 104Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 100 / 104 page
background image
MB91610 Series
100
DS07-16907-2E
■ MAIN CHANGES IN THIS EDITION
(Continued)
Page
Section
Change Results
⎯⎯
Changed the part number.
(MB91F610
→ MB91F610A)
Added “MB91613” to the part number.
Changed the terms.
(USB function with Mini-HOST
→ USB function/ HOST)
(Mini-HOST
→ HOST)
4
■ FEATURES
Changed the explanation of “
• USB HOST”.
(
• Support of bulk and interrupt transfer (Only using endpoint1
and endpoint2)
→
• Support control transfer, bulk transfer, interrupt transfer, and
isochronous transfer)
7
■ PIN ASSIGNMENT
Added the note *.
11
■ PIN DESCRIPTION
Changed “I/O circuit type” of the pins number 69, 70 and 71.
(L
→ F, L)
12
Changed “Function” of the pin number 83 to 88, and 92 to 95.
(Added “N.C. pin for MASK products.”.)
21
■ I/O CIRCUIT TYPE
Changed “Remarks” of the Type L.
(Added “
• Flash memory product only”.)
27
■ HANDLING DEVICES
Added “
• OSDC output pin”.
31
■ MEMORY SPACE
2.Memory map
Corrected the table.
(Flash/ROM
→ FLASH)
(Added 000F 8000H)
39
■ I/O MAP
Corrected “Initial value after reset”.
(FSTR:-------0
→ -------1)
43
Corrected “Block” for the line, 0000 0498H to 0000 049CH.
(Changed to “Reserved”.)
64
■ ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
Changed the notation of “Rating Max” for “Input voltage”.
(VSS + 4.0
→ VCC + 0.3 ( ≤ 4.0))
Corrected “Remarks” for “Input voltage”.
(5 V tolerant*7
→ 5 V tolerant)
(USB I/O*7
→ USB I/O)
Changed from “Power consumption” to “Power consumption
(Flash product)”.
Added “Power consumption (MASK product)”.
65
Corrected the description of *8.
(Deleted “
• Note that if the + B signal is input at power-on, since
the power is supplied through the pin, the power supply voltage
may become the voltage at which a power-on reset does not
work.”.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com