Electronic Components Datasheet Search
  English  ▼

X  

MB91F613 Datasheet(PDF) 101 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 101 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 96Page - fujitsu semiconductor MB91F613 Datasheet HTML 97Page - fujitsu semiconductor MB91F613 Datasheet HTML 98Page - fujitsu semiconductor MB91F613 Datasheet HTML 99Page - fujitsu semiconductor MB91F613 Datasheet HTML 100Page - fujitsu semiconductor MB91F613 Datasheet HTML 101Page - fujitsu semiconductor MB91F613 Datasheet HTML 102Page - fujitsu semiconductor MB91F613 Datasheet HTML 103Page - fujitsu semiconductor MB91F613 Datasheet HTML 104Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 101 / 104 page
background image
MB91610 Series
DS07-16907-2E
101
(Continued)
Page
Section
Change Results
67
■ ELECTRICAL CHARACTERISTICS
3. DC Characteristics
(1) DC Characteristics
Changed from “Power supply current” to “Power supply current
(Flash product)”.
Changed “Value” for ICCO.
(Typ : 150
→ 100 and 130 → 105)
(Max : 180
→ 130)
68
Added “Power supply current (MASK product)”.
69
Added PK0, PK1, INIT, MD0, and MD1 to “Pin name" for ““H” level
input voltage (hysteresis input)”, and ““L” level input voltage (hys-
teresis input)”.
Added PK0 and PK1 to “Pin name” for ““H” level output voltage”,
and ““L” level output voltage”.
71
4. AC Characteristics
(1) Main Clock (MCLK) Input Standard
Added the sentence, “When crystal oscillator is connected” to
“Remarks” for “Input frequency”.
Added the sentence, “When using external clock” to “Remarks”
for “Input clock cycle”, and “Input clock pulse width”.
72
Corrected “
• Operating guaranteed range (Not using USB)”.
(Changed from “
• Operating guaranteed range” to “ • Operating
guaranteed range (Not using USB)”.)
73
Corrected “
• Operating guaranteed range (at using USB)”.
(Added *1 to *4 to each value.)
(Changed from “VMS” to “PMS” for “
• When the PLL clock is se-
lected”.)
(Added the note at the bottom of the page.)
74
(2) Sub Clock (SBCLK) Input Standard Added the column, “Remarks”.
Divided the line, “Input frequency” into two lines, “When crystal
oscillator is connected”, and “When using external clock”.
Added “Input clock pulse width”, and “Input clock rise time and fall
time”.
Corrected the table.
(Added “< When external clock input>”.)
(Deleted “X1” and “X1A”.)
75
(3) Conditions of PLL
Changed from “(3) PLL Oscillation Stabilization Wait Time (LOCK
UP Time)” to “(3) Conditions of PLL”.
Added the column, “Typ” below “Value”.
Added “PLL input clock frequency”, “PLL multiple rate”, and “PLL
macro oscillation clock frequency”.
(5) Reset Input Standards
Added “Reset input rise time and fall time”.
Added “VIHS, tINITXF, tINITXR” to the table.
89, 90
5. Electrical Characteristics for
the A/D Converter
Added “Compare time”.
Corrected the note, *1.
(compare time: 0.73
μs → compare time: 0.72 μs)
Added the note *3.
91, 92
Corrected “
• Definition of 10-bit A/D Converter Terms”.
(1LSB
→ 1LSB')



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com