Electronic Components Datasheet Search
  English  ▼

X  

MCP40D18 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP40D18
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D18 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP40D18 Datasheet HTML 27Page - Microchip Technology MCP40D18 Datasheet HTML 28Page - Microchip Technology MCP40D18 Datasheet HTML 29Page - Microchip Technology MCP40D18 Datasheet HTML 30Page - Microchip Technology MCP40D18 Datasheet HTML 31Page - Microchip Technology MCP40D18 Datasheet HTML 32Page - Microchip Technology MCP40D18 Datasheet HTML 33Page - Microchip Technology MCP40D18 Datasheet HTML 34Page - Microchip Technology MCP40D18 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22152B-page 31
MCP40D17/18/19
4.0
GENERAL OVERVIEW
The MCP40D17/18/19 devices are general purpose
digital
potentiometers
intended
to
be
used
in
applications where a programmable resistance with
moderate bandwidth is desired.
This Data Sheet covers a family of three Digital
Potentiometer and Rheostat devices. The MCP40D18
device is the Potentiometer configuration, while the
MCP40D17 and MCP40D19 devices are the Rheostat
configuration.
Applications generally suited for the MCP40D17/18/19
devices include:
• Computer Servers
• Set point or offset trimming
• Sensor calibration
• Selectable gain and offset amplifier designs
• Cost-sensitive mechanical trim pot replacement
As the Device Block Diagram shows, there are four
main functional blocks. These are:
• POR/BOR Operation
• Serial Interface - I2C Module
• Resistor Network
The POR/BOR operation and the Memory Map are
discussed in this section and the I2C and Resistor
Network operation are described in their own sections.
The Serial Commands commands are discussed in
Section 5.4.
4.1
POR/BOR Operation
The Power-on Reset is the case where the device is
having power applied to it from VSS. The Brown-out
Reset occurs when a device had power applied to it,
and that power (voltage) drops below the specified
range.
The devices RAM retention voltage (VRAM) is lower
than the POR/BOR voltage trip point (VPOR/VBOR). The
maximum VPOR/VBOR voltage is less than 1.8V.
When VPOR/VBOR < VDD < 2.7V, the Resistor Network’s
electrical performance may not meet the data sheet
specifications. In this region, the device is capable of
reading and writing to its volatile memory if the proper
serial command is executed.
Table 4-1 shows the digital pot’s level of functionality
across the entire VDD range, while Figure 4-1 illustrates
the Power-up and Brown-out functionality.
4.1.1
POWER-ON RESET
When the device powers up, the device VDD will cross
the VPOR/VBOR voltage. Once the VDD voltage crosses
the VPOR/VBOR voltage, the following happens:
• Volatile wiper register is loaded with the default
wiper value (3Fh)
• The device is capable of digital operation
4.1.2
BROWN-OUT RESET
When the device powers down, the device VDD will
cross the VPOR/VBOR voltage. Once the VDD voltage
decreases below the VPOR/VBOR voltage the following
happens:
• Serial Interface is disabled
If the VDD voltage decreases below the VRAM voltage
the following happens:
• Volatile wiper registers may become corrupted
As the voltage recovers above the VPOR/VBOR voltage
see Section 4.1.1 “Power-on Reset”.
Serial commands not completed due to a Brown-out
condition may cause the memory location to become
corrupted.
4.1.3
WIPER REGISTER (RAM)
The Wiper Register is volatile memory that starts
functioning at the RAM retention voltage (VRAM). The
Wiper Register will be loaded with the default wiper
value when VDD will rise above the VPOR/VBOR voltage.
4.1.4
DEVICE CURRENTS
The current of the device can be classified into two
modes of the device operation. These are:
• Serial Interface Inactive (Static Operation)
• Serial Interface Active
Static Operation occurs when a Stop condition is
received. Static Operation is exited when a Start
condition is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com