Electronic Components Datasheet Search
  English  ▼

X  

MCP40D18 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP40D18
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D18 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP40D18 Datasheet HTML 35Page - Microchip Technology MCP40D18 Datasheet HTML 36Page - Microchip Technology MCP40D18 Datasheet HTML 37Page - Microchip Technology MCP40D18 Datasheet HTML 38Page - Microchip Technology MCP40D18 Datasheet HTML 39Page - Microchip Technology MCP40D18 Datasheet HTML 40Page - Microchip Technology MCP40D18 Datasheet HTML 41Page - Microchip Technology MCP40D18 Datasheet HTML 42Page - Microchip Technology MCP40D18 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22152B-page 39
MCP40D17/18/19
FIGURE 5-13:
I2C Write Command Format (Slave Address = “0101110”).
FIGURE 5-14:
I2C Write Communication Behavior (Slave Address = “0101110”).
STOP bit
Slave Address Byte
Command Code
Data Byte
1
01
0
S
11 1
0
0
A0
0
0
A
D3
X D6 D5D4
D2D1 D0 A
Fixed
Address
Data Byte
Data Byte
AD3
X D6 D5D4
D2D1 D0 A P
Read/Write bit (“0” = Write)
00
0
0
D3 D2 D1 D0
XD6 D5 D4
S = Start Condition
P = Stop Condition
A = Acknowledge
X = Don’t Care
R/W = Read/Write bit
D6:D0 = Data bits
Legend
Write 1 Byte with Command Code = 00h
Write 2 Byte with Command Code = 00h
S Slave Address
R
/
W
A
C
K Command Code
A
C
K Data Byte
A
C
KP
Master
S 01011 10010 00000 0010d ddddd d1P
MCP40D17/18/19
0
0
0
I2C Bus
S 01011 10000 00000 0000d ddddd d0P
S Slave Address
R
/
W
A
C
K Command Code
A
C
K Data Byte
A
C
K
Master
S 01011 10010 00000 0010d ddddd d1
MCP40D17/18/19
0
0
0
I2C Bus
S 01011 10000 00000 0000d ddddd d0
Data Byte
A
C
KP
Master
0d ddddd d1P
MCP40D17/18/19
0
I2C Bus
0 d ddddd d0P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com