Electronic Components Datasheet Search
  English  ▼

X  

MCP40D18 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP40D18
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D18 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP40D18 Datasheet HTML 38Page - Microchip Technology MCP40D18 Datasheet HTML 39Page - Microchip Technology MCP40D18 Datasheet HTML 40Page - Microchip Technology MCP40D18 Datasheet HTML 41Page - Microchip Technology MCP40D18 Datasheet HTML 42Page - Microchip Technology MCP40D18 Datasheet HTML 43Page - Microchip Technology MCP40D18 Datasheet HTML 44Page - Microchip Technology MCP40D18 Datasheet HTML 45Page - Microchip Technology MCP40D18 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
MCP40D17/18/19
DS22152B-page 42
© 2009 Microchip Technology Inc.
Step resistance (RS) is the resistance from one tap
setting to the next. This value will be dependent on the
RAB value that has been selected. Equation 6-1 shows
the calculation for the step resistance while Table 6-2
shows the typical step resistances for each device.
EQUATION 6-1:
RS CALCULATION
Equation 6-2
illustrates
the
calculation
used
to
determine the resistance between the wiper and
terminal B.
EQUATION 6-2:
RWB CALCULATION
The digital potentiometer is available in four nominal
resistances (RAB) where the nominal resistance is
defined as the resistance between terminal A and
terminal B. The four nominal resistances are 5 k
Ω,
10 k
Ω, 50 kΩ, and 100 kΩ.
The total resistance of the device has minimal variation
due to operating voltage (see Figure 2-11, Figure 2-29,
Figure 2-47, or Figure 2-65).
TABLE 6-2:
STEP RESISTANCES
A POR/BOR event will load the Volatile Wiper register
value with the default value. Table 6-3 shows the
default values offered.
TABLE 6-3:
DEFAULT FACTORY
SETTINGS SELECTION
Part Number
Resistance (
Ω)
Case
Total
(RAB)
Step (RS)
MCP40D17/18/19-
502
Minimum
4000
31.496
Typical
5000
39.370
Maximum
6000
47.244
MCP40D17/18/19-
103
Minimum
8000
62.992
Typical
10000
78.740
Maximum
12000
94.488
MCP40D17/18/19-
503
Minimum
40000
314.961
Typical
50000
393.701
Maximum
60000
472.441
MCP40D17/18/19-
104
Minimum
80000
629.921
Typical
100000
787.402
Maximum
120000
944.882
R
S
R
AB
127
---------
=
R
WB
R
ABN
127
--------------R
W
+
=
N = 0 to 127 (decimal)
Resistance
Code
Typical
RAB Value
Default POR Wiper
Setting
Code (1)
-502
5.0 k
Ω
Mid-scale
3Fh
-103
10.0 k
Ω
Mid-scale
3Fh
-503
50.0 k
Ω
Mid-scale
3Fh
-104
100.0 k
Ω
Mid-scale
3Fh
Note 1:
Custom POR/BOR Wiper Setting options
are available, contact the local Microchip
Sales Office for additional information.
Custom options have minimum volume
requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com