Electronic Components Datasheet Search
  English  ▼

X  

MCP40D18 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP40D18
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D18 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP40D18 Datasheet HTML 30Page - Microchip Technology MCP40D18 Datasheet HTML 31Page - Microchip Technology MCP40D18 Datasheet HTML 32Page - Microchip Technology MCP40D18 Datasheet HTML 33Page - Microchip Technology MCP40D18 Datasheet HTML 34Page - Microchip Technology MCP40D18 Datasheet HTML 35Page - Microchip Technology MCP40D18 Datasheet HTML 36Page - Microchip Technology MCP40D18 Datasheet HTML 37Page - Microchip Technology MCP40D18 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
MCP40D17/18/19
DS22152B-page 34
© 2009 Microchip Technology Inc.
5.2
I2C Bit Definitions
I2C bit definitions include:
• Start Bit
• Data Bit
• Acknowledge (A) Bit
• Repeated Start Bit
• Stop Bit
• Clock Stretching
Figure 5-8 shows the waveform for these states.
5.2.1
START BIT
The Start bit (see Figure 5-2) indicates the beginning of
a data transfer sequence. The Start bit is defined as the
SDA signal falling when the SCL signal is “High”.
FIGURE 5-2:
Start Bit.
5.2.2
DATA BIT
The SDA signal may change state while the SCL signal
is Low. While the SCL signal is High, the SDA signal
MUST be stable (see Figure 5-3).
FIGURE 5-3:
Data Bit.
5.2.3
ACKNOWLEDGE (A) BIT
The A bit (see Figure 5-4) is a response from the Slave
device to the Master device. Depending on the context
of the transfer sequence, the A bit may indicate
different things. Typically the Slave device will supply
an A response after the Start bit and 8 “data” bits have
been received. The A bit will have the SDA signal low.
FIGURE 5-4:
Acknowledge Waveform.
If the Slave Address is not valid, the Slave Device will
issue a Not A (A). The A bit will have the SDA signal
high.
If an error condition occurs (such as an A instead of A)
then a START bit must be issued to reset the command
state machine.
TABLE 5-1:
MCP40D17/18/19 A / A
RESPONSES
5.2.4
REPEATED START BIT
The Repeated Start bit (see Figure 5-5) indicates
the current
Master
Device
wishes
to
continue
communicating with the current Slave Device without
releasing the I2C bus. The Repeated Start condition is
the same as the Start condition, except that the
Repeated Start bit follows a Start bit (with the Data bits
+ A bit) and not a Stop bit.
The Start bit is the beginning of a data transfer
sequence and is defined as the SDA signal falling when
the SCL signal is “High”.
FIGURE 5-5:
Repeat Start Condition
Waveform.
SDA
SCL
S
1st Bit
2nd Bit
SDA
SCL
S
1st Bit
2nd Bit
A
8
D0
9
SDA
SCL
Event
Acknowledge
Bit Response
Comment
General Call
A
Slave Address
valid
A
Slave Address
not valid
A
Bus Collision
N.A.
I2C Module Resets,
or a “Don’t Care” if
the collision occurs
on the Masters
“Start bit”.
Note 1: A bus collision during the Repeated Start
condition occurs if:
• SDA is sampled low when SCL goes
from low to high.
• SCL goes low before SDA is
asserted low. This may indicate that
another master is attempting to
transmit a data "1".
SDA
SCL
Sr = Repeated Start
1st Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com