Electronic Components Datasheet Search
  English  ▼

X  

LTC3855 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3855
Description  Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3855 Datasheet HTML 10Page - Linear Technology LTC3855 Datasheet HTML 11Page - Linear Technology LTC3855 Datasheet HTML 12Page - Linear Technology LTC3855 Datasheet HTML 13Page - Linear Technology LTC3855 Datasheet HTML 14Page - Linear Technology LTC3855 Datasheet HTML 15Page - Linear Technology LTC3855 Datasheet HTML 16Page - Linear Technology LTC3855 Datasheet HTML 17Page - Linear Technology LTC3855 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
LTC3855

3855f
Sensing the Output Voltage with a Differential
Amplifier
The LTC3855 includes a low offset, unity gain, high band-
widthdifferentialamplifierforapplicationsthatrequiretrue
remote sensing. Sensing the load across the load capaci-
torsdirectlygreatlybenefitsregulationinhighcurrent,low
voltage applications, where board interconnection losses
can be a significant portion of the total error budget.
TheLTC3855differentialamplifierhasatypicaloutputslew
rate of 2V/μs. The amplifier is configured for unity gain,
meaning that the difference between DIFFP and DIFFN is
translated to DIFFOUT, relative to SGND.
Care should be taken to route the DIFFP and DIFFN PCB
traces parallel to each other all the way to the terminals
of the output capacitor or remote sensing points on the
board. In addition, avoid routing these sensitive traces
near any high speed switching nodes in the circuit. Ideally,
the DIFFP and DIFFN traces should be shielded by a low
impedance ground plane to maintain signal integrity.
Inductor DCR Sensing Temperature Compensation and
the ITEMP Pins
Inductor DCR current sensing provides a lossless method
of sensing the instantaneous current. Therefore, it can
provide higher efficiency for applications of high output
currents. However the DCR of a copper inductor typically
has a positive temperature coefficient. As the temperature
of the inductor rises, its DCR value increases. The current
limit of the controller is therefore reduced.
LTC3855 offers a method to counter this inaccuracy by
allowing the user to place an NTC temperature sensing
resistor near the inductor. ITEMP pin, when left floating, is
at a voltage around 5V and DCR temperature compensa-
tion is disabled. ITEMP pin has a constant 10µA precision
current flowing out the pin. By connecting an NTC resistor
from ITEMP pin to SGND, the maximum current sense
threshold can be varied over temperature according the
following equation:
V
V
V
SENSEMAX ADJ
SENSE MAX
ITEMP
(
)
(
) •
. –
.
=
1 8
1 3
Where:
VSENSEMAX(ADJ)isthemaximumadjustedcurrentsense
threshold.
VSENSE(MAX) is the maximum current sense threshold
specified in the electrical characteristics table. It is typi-
cally 75mV, 50mV, or 30mV depending on the setting
ILIM pins.
VITEMP is the voltage of ITEMP pin.
The valid voltage range for DCR temperature compensa-
tion on the ITEMP pin is between 0.5V to 0.2V, with 0.5V
or above being no DCR temperature correction and 0.2V
the maximum correction. However, if the duty cycle of the
controller is less than 25%, the ITEMP range is extended
from 0.5V to 0V.
An NTC resistor has a negative temperature coefficient,
that means that its value decreases as temperature rises.
The VITEMP voltage, therefore, decreases as temperature
increases and in turn the VSENSEMAX(ADJ) will increase to
compensate the DCR temperature coefficient. The NTC
resistor, however, is non-linear and user can linearize its
value by building a resistor network with regular resis-
tors. Consult the NTC manufacture datasheets for detailed
information.
Another use for the ITEMP pins, in addition to NTC com-
pensated DCR sensing, is adjusting VSENSE(MAX) to values
between the nominal values of 30mV, 50mV and 75mV for
a more precise current limit. This is done by applying a
voltage less than 0.5V to the ITEMP pin. VSENSE(MAX) will
be varied per the above equation and the same duty cycle
limitationswillapply.Thecurrentlimitcanbeadjustedusing
this method either with a sense resistor or DCR sensing.
FormoreinformationseetheNTCCompensatedDCRSens-
ing paragraph in the Applications Information section.
Frequency Selection and Phase-Locked Loop
(FREQ and MODE/PLLIN Pins)
Theselectionofswitchingfrequencyisatrade-offbetween
efficiency and component size. Low frequency opera-
tion increases efficiency by reducing MOSFET switching
losses, but requires larger inductance and/or capacitance
to maintain low output ripple voltage. The switching
operaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com