Electronic Components Datasheet Search
  English  ▼

X  

LTC3855 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC3855
Description  Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC3855 Datasheet HTML 29Page - Linear Technology LTC3855 Datasheet HTML 30Page - Linear Technology LTC3855 Datasheet HTML 31Page - Linear Technology LTC3855 Datasheet HTML 32Page - Linear Technology LTC3855 Datasheet HTML 33Page - Linear Technology LTC3855 Datasheet HTML 34Page - Linear Technology LTC3855 Datasheet HTML 35Page - Linear Technology LTC3855 Datasheet HTML 36Page - Linear Technology LTC3855 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
LTC3855

3855f
applicaTions inForMaTion
The power loss in R1 at the maximum input voltage is:
PLOSSR1=
(VIN(MAX) − VOUT)• VOUT
R1
The resulting power loss for R1 is 11mW for channel 1
and 7mW for channel 2.
The sum of the sense resistor and DCR is 2.5mΩ (max)
for the RSENSE application whereas the inductor DCR for
the DCR sense application is 1.8mΩ (max). As a result of
the lower conduction losses from the switch node to VOUT,
the DCR sensing application has higher efficiency.
The power dissipation on the topside MOSFET can be
easily estimated. Choosing a Renesas RJK0305DPB
Figure 17. DCR Sense Efficiency vs RSENSE Efficiency
LOAD CURRENT (A)
0
85
90
16
14
12
10
8
6
4
2
80
75
70
95
4
3
2
1
0
5
3855 F17
1.2V RSENSE
1.2V DCR SENSE
1.8V RSENSE
1.8V DCR SENSE
VIN = 12V
MODE = CCM
DCR SENSE APP: SEE FIGURE 16
RSENSE APP: SEE FIGURE 19
EFFICIENCY
POWER LOSS
Figure 16. High Efficiency Dual 400kHz 1.8V/1.2V Step-Down Converter
D3
D4
M1
M2
0.1µF
40.2k
1%
L1
0.56µH
3.09k
1%
1nF
150pF
0.1µF
0.1µF
82µF
25V
COUT1
330µF
2
L1, L2: VISHAY IHLP4040DZ-01, 0.56µH
M1, M3: RENESAS RJK0305DPB
M2, M4: RENESAS RJK0330DPB
20k
1%
12.1k
1%
VOUT1
1.8V
15A
M3
M4
0.1µF
L2
0.56µH
1nF
150pF
COUT2
330µF
2
20k
1%
4.99k
1%
100k
1%
VOUT2
1.2V
15A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
SGND
PGND
FREQ
SENSE1+
SENSE2+
DIFFP
SENSE1–
SENSE2–
VFB1
VFB2
ITH1
ITH2
VIN PGOOD
INTVCC
TK/SS1
TK/SS2
VIN
4.5V TO
20V
3855 F16
EXTVCC
0.1µF
0.1µF
LTC3855
MODE/PLLIN
ILIM1
ITEMP1
ITEMP2
ILIM2
DIFFN
DIFFOUT
CLKOUT
RUN1
RUN2
3.09k
1%
4.7µF
1µF
2.2Ω
+
+
10µF
25V
2
+
20k, 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com