Electronic Components Datasheet Search
  English  ▼

X  

LTC3855 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC3855
Description  Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC3855 Datasheet HTML 19Page - Linear Technology LTC3855 Datasheet HTML 20Page - Linear Technology LTC3855 Datasheet HTML 21Page - Linear Technology LTC3855 Datasheet HTML 22Page - Linear Technology LTC3855 Datasheet HTML 23Page - Linear Technology LTC3855 Datasheet HTML 24Page - Linear Technology LTC3855 Datasheet HTML 25Page - Linear Technology LTC3855 Datasheet HTML 26Page - Linear Technology LTC3855 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
LTC3855

3855f
applicaTions inForMaTion
producingasmalloffseterror.Tominimizethiserror,select
the tracking resistive divider value to be small enough to
make this error negligible.
In order to track down another channel or supply after
the soft-start phase expires, the LTC3855 is forced into
continuous mode of operation as soon as VFB is below the
undervoltage threshold of 0.54V regardless of the setting
on the MODE/PLLIN pin. However, the LTC3855 should
always be set in force continuous mode tracking down
when there is no load. After TK/SS drops below 0.1V, its
channel will operate in discontinuous mode.
Output Voltage Tracking
The LTC3855 allows the user to program how its output
ramps up and down by means of the TK/SS pins. Through
these pins, the output can be set up to either coincidentally
or ratiometrically track another supply’s output, as shown
in Figure 8. In the following discussions, VOUT1 refers to
the LTC3855’s output 1 as a master channel and VOUT2
refers to the LTC3855’s output 2 as a slave channel. In
practice, though, either phase can be used as the master.
To implement the coincident tracking in Figure 8a, con-
nect an additional resistive divider to VOUT1 and connect
its midpoint to the TK/SS pin of the slave channel. The
ratio of this divider should be the same as that of the slave
channel’s feedback divider shown in Figure 9a. In this
tracking mode, VOUT1 must be set higher than VOUT2. To
implementtheratiometrictrackinginFigure9b,theratioof
the VOUT2dividershouldbeexactlythesameasthemaster
channel’s feedback divider shown in Figure 9b. By select-
ing different resistors, the LTC3855 can achieve different
modes of tracking including the two in Figure 8.
So which mode should be programmed? While either
mode in Figure 8 satisfies most practical applications,
some tradeoffs exist. The ratiometric mode saves a pair
of resistors, but the coincident mode offers better output
regulation.
When the master channel’s output experiences dynamic
excursion (under load transient, for example), the slave
channel output will be affected as well. For better output
regulation, use the coincident tracking mode instead of
ratiometric.
Figure 8. Two Different Modes of Output Voltage Tracking
Figure 9. Setup for Coincident and Ratiometric Tracking
TIME
(8a) Coincident Tracking
VOUT1
VOUT2
3855 F08a
VOUT1
VOUT2
TIME
3855 F08b
(8b) Ratiometric Tracking
R3
R1
R4
R2
R3
VOUT2
R4
(9a) Coincident Tracking Setup
TO
VFB1
PIN
TO
TK/SS2
PIN
TO
VFB2
PIN
VOUT1
R1
R2
R3
VOUT2
R4
3855 F09
(9b) Ratiometric Tracking Setup
TO
VFB1
PIN
TO
TK/SS2
PIN
TO
VFB2
PIN
VOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com