Electronic Components Datasheet Search
  English  ▼

X  

LTC3855 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3855
Description  Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 3 Page - Linear Technology

  LTC3855 Datasheet HTML 1Page - Linear Technology LTC3855 Datasheet HTML 2Page - Linear Technology LTC3855 Datasheet HTML 3Page - Linear Technology LTC3855 Datasheet HTML 4Page - Linear Technology LTC3855 Datasheet HTML 5Page - Linear Technology LTC3855 Datasheet HTML 6Page - Linear Technology LTC3855 Datasheet HTML 7Page - Linear Technology LTC3855 Datasheet HTML 8Page - Linear Technology LTC3855 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
LTC3855

3855f
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3855EFE#PBF
LTC3855EFE#TRPBF
LTC3855FE
38-Lead Plastic TSSOP
–40°C to 85°C
LTC3855IFE#PBF
LTC3855IFE#TRPBF
LTC3855FE
38-Lead Plastic TSSOP
–40°C to 125°C
LTC3855EUJ#PBF
LTC3855EUJ#TRPBF
LTC3855UJ
40-Lead (6mm
× 6mm) Plastic QFN
–40°C to 85°C
LTC3855IUJ#PBF
LTC3855IUJ#TRPBF
LTC3855UJ
40-Lead (6mm
× 6mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Main Control Loops
VIN
Input Voltage Range
4.5
38
V
VOUT
Output Voltage Range
0.6
12.5
V
VFB1,2
Regulated Feedback Voltage
ITH1,2 Voltage = 1.2V (Note 4)
ITH1,2 Voltage = 1.2V (Note 4), TA = 125°C
l
l
0.5955
0.594
0.600
0.600
0.6045
0.606
V
V
IFB1,2
Feedback Current
(Note 4)
–15
–50
nA
VREFLNREG
Reference Voltage Line Regulation
VIN = 4.5V to 38V (Note 4)
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 4)
Measured in Servo Loop; ∆ITH Voltage = 1.2V to 0.7V
Measured in Servo Loop; ∆ITH Voltage = 1.2V to 1.6V
l
l
0.01
–0.01
0.1
–0.1
%
%
gm1,2
Transconductance Amplifier gm
ITH1,2 = 1.2V; Sink/Source 5µA; (Note 4)
2
mmho
IQ
Input DC Supply Current
Normal Mode
Shutdown
(Note 5)
VIN = 15V
VRUN1,2 = 0V
3.5
30
50
mA
µA
DFMAX
Maximum Duty Factor
In Dropout, fOSC = 500kHz
94
95
%
UVLO
Undervoltage Lockout
VINTVCC Ramping Down
l
3.0
3.2
3.4
V
UVLOHYS
UVLO Hysteresis
0.6
V
VOVL1,2
Feedback Overvoltage Lockout
Measured at VFB1,2
l
0.64
0.66
0.68
V
ISENSE1,2
Sense Pins Bias Current
(Each Channel); VSENSE1,2 = 3.3V
l
±1
±2
µA
ITEMP1,2
DCR Tempco Compensation Current
VITEMP1,2 = 0.2V
l
9
10
11
µA
ITK/SS1,2
Soft-Start Charge Current
VTK/SS1,2 = 0V
l
1
1.2
1.4
µA
VRUN1,2
RUN Pin ON Threshold
VRUN1, VRUN2 Rising
l
1.1
1.22
1.35
V
VRUN1,2HYS RUN Pin ON Hysteresis
80
mV
VSENSE(MAX) Maximum Current Sense Threshold
VFB1,2 = 0.5V, VSENSE1,2 = 3.3V, ILIM = 0V
VFB1,2 = 0.5V, VSENSE1,2 = 3.3V, ILIM = Float
VFB1,2 = 0.5V, VSENSE1,2 = 3.3V, ILIM = INTVCC
l
l
l
25
45
68
30
50
75
35
55
82
mV
mV
mV
TG1, 2 tr
TG1, 2 tf
TG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
25
ns
ns
BG1, 2 tr
BG1, 2 tf
BG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
25
ns
ns
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
junction temperature range (E-Grade), otherwise specifications are at TA = 25°C. VIN = 15V, VRUN1,2 = 5V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com