Electronic Components Datasheet Search
  English  ▼

X  

LTC3855 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3855
Description  Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3855 Datasheet HTML 2Page - Linear Technology LTC3855 Datasheet HTML 3Page - Linear Technology LTC3855 Datasheet HTML 4Page - Linear Technology LTC3855 Datasheet HTML 5Page - Linear Technology LTC3855 Datasheet HTML 6Page - Linear Technology LTC3855 Datasheet HTML 7Page - Linear Technology LTC3855 Datasheet HTML 8Page - Linear Technology LTC3855 Datasheet HTML 9Page - Linear Technology LTC3855 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
LTC3855

3855f
Typical perForMance characTerisTics
Load Step
(Burst Mode Operation)
Load Step
(Forced Continuous Mode)
Load Step
(Pulse-Skipping Mode)
Inductor Current at Light Load
Coincident Tracking
Prebiased Output at 2V
VIN = 12V
VOUT = 1.8V
50µs/DIV
3855 G01
IL
5A/DIV
VOUT
100mV/DIV
AC-COUPLED
ILOAD
5A/DIV
300mA TO 5A
VIN = 12V
VOUT = 1.8V
50µs/DIV
3855 G02
IL
5A/DIV
VOUT
100mV/DIV
AC-COUPLED
ILOAD
5A/DIV
300mA TO 5A
VIN = 12V
VOUT = 1.8V
50µs/DIV
3855 G03
IL
5A/DIV
VOUT
100mV/DIV
AC-COUPLED
ILOAD
5A/DIV
300mA TO 5A
VIN = 12V
VOUT = 1.8V
ILOAD = 400mA
1µs/DIV
3855 G04
FORCED
CONTINUOUS MODE
5A/DIV
Burst Mode
OPERATION
5A/DIV
PULSE-SKIPPING
MODE
5A/DIV
VIN = 12V
VOUT = 3.3V
2ms/DIV
3855 G05
TK/SS
500mV/DIV
VFB
500mV/DIV
VOUT
2V/DIV
5ms/DIV
3855 G06
RUN
2V/DIV
VOUT1
VOUT2
1V/DIV
VOUT1
VOUT2
VOUT1 = 1.8V, 1.5 LOAD
VOUT2 = 1.2V, 1 LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com