Electronic Components Datasheet Search
  English  ▼

X  

LTC3855 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3855
Description  Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3855 Datasheet HTML 28Page - Linear Technology LTC3855 Datasheet HTML 29Page - Linear Technology LTC3855 Datasheet HTML 30Page - Linear Technology LTC3855 Datasheet HTML 31Page - Linear Technology LTC3855 Datasheet HTML 32Page - Linear Technology LTC3855 Datasheet HTML 33Page - Linear Technology LTC3855 Datasheet HTML 34Page - Linear Technology LTC3855 Datasheet HTML 35Page - Linear Technology LTC3855 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
LTC3855

3855f
This occurs around 50% duty cycle on either channel due
to the phasing of the internal clocks and may cause minor
duty cycle jitter.
Reduce VIN from its nominal level to verify operation
of the regulator in dropout. Check the operation of the
undervoltage lockout circuit by further lowering VIN while
monitoring the outputs to verify operation.
Investigate whether any problems exist only at higher out-
put currents or only at higher input voltages. If problems
coincide with high input voltages and low output currents,
look for capacitive coupling between the BOOST, SW, TG,
and possibly BG connections and the sensitive voltage
and current pins. The capacitor placed across the current
sensing pins needs to be placed immediately adjacent to
the pins of the IC. This capacitor helps to minimize the
effects of differential noise injection due to high frequency
capacitive coupling. If problems are encountered with
high current output loading at lower input voltages, look
for inductive coupling between CIN, Schottky and the top
MOSFET components to the sensitive current and voltage
sensing traces. In addition, investigate common ground
path voltage pickup between these components and the
SGND pin of the IC.
Design Example
As a design example for a two channel high current regula-
tor, assume VIN = 12V(nominal), VIN = 20V(maximum),
VOUT1 = 1.8V, VOUT2 = 1.2V, IMAX1,2 = 15A, and f = 400kHz
(see Figure 16).
The regulated output voltages are determined by:
VOUT = 0.6V • 1+
RB
RA


Using 20k 1% resistors from both VFB nodes to ground,
the top feedback resistors are (to the nearest 1% standard
value) 40.2k and 20k.
The frequency is set by biasing the FREQ pin to 1V (see
Figure 12).
The inductance values are based on a 35% maximum
ripple current assumption (5.25A for each channel). The
highest value of ripple current occurs at the maximum
input voltage:
L
V
I
V
V
OUT
L MAX
OUT
IN MAX
=
−
f • ( )
(
)
∆
1
Channel 1 will require 0.78µH, and channel 2 will require
0.54µH. The Vishay IHLP4040DZ-01, 0.56µH inductor is
chosen for both rails. At the nominal input voltage (12V),
the ripple current will be:
∆I
V
L
V
V
L NOM
OUT
OUT
IN NOM
(
)
(
)
•
=
−
f
1
Channel 1 will have 6.8A (46%) ripple, and channel 2 will
have 4.8A (32%) ripple. The peak inductor current will be
the maximum DC value plus one-half the ripple current,
or 18.4A for channel 1 and 17.4A for channel 2.
Theminimumon-timeoccursonchannel2atthemaximum
VIN, and should not be less than 90ns:
tON(MIN) =
VOUT
VIN(MAX) f
=
1.2V
20V(400kHz)
= 150ns
With ILIM floating, the equivalent RSENSE resistor value
can be calculated by using the minimum value for the
maximum current sense threshold (45mV).
RSENSE(EQUIV) =
VSENSE(MIN)
ILOAD(MAX) +
∆IL(NOM)
2
The equivalent required RSENSE value is 2.4mΩ for chan-
nel 1 and 2.6mΩ for channel 2. The DCR of the 0.56µH
inductor is 1.7mΩ typical and 1.8mΩ maximum for a
25°C ambient. At 100°C, the estimated maximum DCR
value is 2.3mΩ. The maximum DCR value is just slightly
under the equivalent RSENSE values. Therefore, R2 is not
required to divide down the signal.
For each channel, 0.1µF is selected for C1.
R1
=
L
(DCRMAX at 25°C)•C1
=
0.56
µH
1.8m
Ω • 0.1µF
= 3.11k
Choose R1 = 3.09k
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com