Electronic Components Datasheet Search
  English  ▼

X  

LTC3855 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3855
Description  Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3855 Datasheet HTML 14Page - Linear Technology LTC3855 Datasheet HTML 15Page - Linear Technology LTC3855 Datasheet HTML 16Page - Linear Technology LTC3855 Datasheet HTML 17Page - Linear Technology LTC3855 Datasheet HTML 18Page - Linear Technology LTC3855 Datasheet HTML 19Page - Linear Technology LTC3855 Datasheet HTML 20Page - Linear Technology LTC3855 Datasheet HTML 21Page - Linear Technology LTC3855 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
LTC3855

3855f
applicaTions inForMaTion
always the same and varies with temperature; consult the
manufacturers’ datasheets for detailed information.
Using the inductor ripple current value from the Inductor
Value Calculation section, the target sense resistor value is:
RSENSE(EQUIV) =
VSENSE(MAX)
I(MAX) +
∆IL
2
To ensure that the application will deliver full load current
over the full operating temperature range, choose the
minimumvaluefortheMaximumCurrentSenseThreshold
(VSENSE(MAX))intheElectricalCharacteristicstable(25mV,
45mV, or 68mV, depending on the state of the ILIM pin).
Next, determine the DCR of the inductor. Where provided,
use the manufacturer’s maximum value, usually given at
20°C. Increase this value to account for the temperature
coefficient of resistance, which is approximately 0.4%/°C
or use LTC3855 DCR temperature compensation function.
A conservative value for TL(MAX) is 100°C.
To scale the maximum inductor DCR to the desired sense
resistor value, use the divider ratio:
RD =
RSENSE(EQUIV)
DCR(MAX) at TL(MAX)
C1 is usually selected to be in the range of 0.047µF to
0.47µF. This forces R1|| R2 to around 2kΩ, reducing error
that might have been caused by the SENSE pins’ ±1µA
current. TL(MAX) is the maximum inductor temperature.
The equivalent resistance R1|| R2 is scaled to the room
temperature inductance and maximum DCR:
R1||R2
=
L
(DCR at 20
°C) • C1
The sense resistor values are:
R1
=
R1|| R2
RD
; R2
=
R1• RD
1
−RD
The maximum power loss in R1 is related to duty cycle,
and will occur in continuous mode at the maximum input
voltage:
PLOSS R1=
VIN(MAX) − VOUT
(
)•V
OUT
R1
Ensure that R1 has a power rating higher than this value.
If high efficiency is necessary at light loads, consider this
power loss when deciding whether to use DCR sensing or
sense resistors. Light load power loss can be modestly
higher with a DCR network than with a sense resistor, due
totheextraswitchinglossesincurredthroughR1.However,
DCR sensing eliminates a sense resistor, reduces conduc-
tion losses and provides higher efficiency at heavy loads.
Peak efficiency is about the same with either method.
To maintain a good signal to noise ratio for the current
sense signal, use a minimum ∆VSENSE of 10mV for duty
cycles less than 40%. For a DCR sensing application, the
actual ripple voltage will be determined by the equation:
∆
=
−
V
V
V
R C
V
V
f
SENSE
IN
OUT
OUT
IN OSC
1 1
•
•
NTC Compensated DCR Sensing
For DCR sensing applications where a more accurate
current limit is required, a network consisting of an NTC
thermistor placed from the ITEMP pin to ground will
provide correction of the current limit over temperature.
Figure 2b shows this network. Resistors RS and RP will
linearize the impedance the ITEMP pin sees. To implement
NTC compensated DCR sensing, design the DCR sense
filter network per the same procedure mentioned in the
previousselection,exceptcalculatethedividercomponents
using the room temperature value of the DCR. For a single
output rail operating from one phase:
1. Set the ITEMP pin resistance to 50k at 25°C. With
10µA flowing out of the ITEMP pin, the voltage on the
ITEMP pin will be 0.5V at room temperature. Current
limit correction will occur for inductor temperatures
greater than 25°C.
2. Calculate the ITEMP pin resistance and the maximum
inductor temperature which is typically 100°C. Use the
following equations:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com