Electronic Components Datasheet Search
  English  ▼

X  

CAP1006 Datasheet(PDF) 10 Page - SMSC Corporation

Part # CAP1006
Description  5 and 6 Channel Capacitive Touch Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1006 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button CAP1006 Datasheet HTML 6Page - SMSC Corporation CAP1006 Datasheet HTML 7Page - SMSC Corporation CAP1006 Datasheet HTML 8Page - SMSC Corporation CAP1006 Datasheet HTML 9Page - SMSC Corporation CAP1006 Datasheet HTML 10Page - SMSC Corporation CAP1006 Datasheet HTML 11Page - SMSC Corporation CAP1006 Datasheet HTML 12Page - SMSC Corporation CAP1006 Datasheet HTML 13Page - SMSC Corporation CAP1006 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
5 and 6 Channel Capacitive Touch Sensor
Datasheet
Revision 1.1 (08-05-09)
10
SMSC CAP1005 / CAP1006
DATASHEET
Chapter 2 Electrical Specifications
Note 2.1
Stresses above those listed could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any other condition above those
indicated in the operation sections of this specification is not implied.
Note 2.2
For the 5V tolerant pins that have a pull-up resistor, the voltage difference between
V5VT_PIN and VDD must never exceed 3.6V.
Note 2.3
The Package Power Dissipation specification assumes a recommended thermal via design
consisting of a 2x2 matrix of 0.3mm (12mil) vias at 1.0mm pitch connected to the ground
plane with a 1.6 x 2.3mm thermal landing.
Table 2.1 Absolute Maximum Ratings
Voltage on 5V tolerant pins (V5VT_PIN)
-0.3 to 5.5
V
Voltage on 5V tolerant pins (|V5VT_PIN - VDD|) Note 2.2
0 to 3.6
V
Voltage on VDD pin
-0.3 to 4
V
Voltage on any other pin to GND
-0.3 to VDD + 0.3
V
Package Power Dissipation up to TA = 85°C for 10 pin DFN
(see Note 2.3)
0.7
W
Junction to Ambient (
θ
JA)
77.7
°C/W
Operating Ambient Temperature Range
-40 to 125
°C
Storage Temperature Range
-55 to 150
°C
ESD Rating, All Pins, HBM
8000
V
Table 2.2 Electrical Specifications
VDD = 3V to 3.6V, TA = 0°C to 100°C, all Typical values at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
DC Power
Supply Voltage
VDD
3.0
3.3
3.6
V
Supply Current
ISTBY
160
210
uA
Standby state active
1 sensor monitored
Default conditions (8 avg, 70ms
cycle time)
IDSLEEP
3
10
uA
Deep Sleep state active
No communications
TA < 85°C
IDD
300
500
uA
Average current
Capacitive Sensing Active
Capacitive Touch Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com