Electronic Components Datasheet Search
  English  ▼

X  

CAP1006 Datasheet(PDF) 40 Page - SMSC Corporation

Part # CAP1006
Description  5 and 6 Channel Capacitive Touch Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1006 Datasheet(HTML) 40 Page - SMSC Corporation

Back Button CAP1006 Datasheet HTML 36Page - SMSC Corporation CAP1006 Datasheet HTML 37Page - SMSC Corporation CAP1006 Datasheet HTML 38Page - SMSC Corporation CAP1006 Datasheet HTML 39Page - SMSC Corporation CAP1006 Datasheet HTML 40Page - SMSC Corporation CAP1006 Datasheet HTML 41Page - SMSC Corporation CAP1006 Datasheet HTML 42Page - SMSC Corporation CAP1006 Datasheet HTML 43Page - SMSC Corporation CAP1006 Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
5 and 6 Channel Capacitive Touch Sensor
Datasheet
Revision 1.1 (08-05-09)
40
SMSC CAP1005 / CAP1006
DATASHEET
Bits 3 - 2 - B_MULT_T[1:0] - Determines the number of simultaneous touches on all sensors before a
Multiple Touch Event is detected and sensors are blocked. The bit decode is given by Table 5.22.
5.15
Recalibration Configuration Register
The Recalibration Configuration register controls the automatic re-calibration routine settings as well
as advanced controls to program the Sensor Threshold register settings.
Bit 7 - BUT_LD_TH - Enables setting all Sensor Threshold registers by writing to the Sensor 1
Threshold register.
‘0’ - Each Sensor X Threshold register is updated individually.
‘1’ (default) - Writing the Sensor 1 Threshold register will automatically overwrite the Sensor
Threshold registers for all sensors (Sensor Threshold 1 through Sensor Threshold 6). The
individual Sensor X Threshold registers (Sensor 2 Threshold through Sensor 6 Threshold) can be
individually updated at any time.
Bits 4 - 3 - NEG_DELTA_CNT[1:0] - Determines the number of negative delta counts necessary to
trigger a digital re-calibration as shown in Table 5.24.
Table 5.22 B_MULT_T Bit Decode
B_MULT_T[1:0]
NUMBER OF SIMULTANEOUS TOUCHES
10
0
0
1 (default)
01
2
10
3
11
4
Table 5.23 Recalibration Configuration Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
2Fh
R/W
Recalibration
Configuration
BUT_
LD_TH
--
NEG_DELTA_
CNT[1:0]
CAL_CFG[2:0]
8Bh
Table 5.24 NEG_DELTA_CNT Bit Decode
NEG_DELTA_CNT[1:0]
NUMBER OF CONSECUTIVE NEGATIVE DELTA
COUNT VALUES
10
00
8
0
1
16 (default)
10
32
1
1
None (disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com