Electronic Components Datasheet Search
  English  ▼

X  

CAP1006 Datasheet(PDF) 41 Page - SMSC Corporation

Part # CAP1006
Description  5 and 6 Channel Capacitive Touch Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1006 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button CAP1006 Datasheet HTML 37Page - SMSC Corporation CAP1006 Datasheet HTML 38Page - SMSC Corporation CAP1006 Datasheet HTML 39Page - SMSC Corporation CAP1006 Datasheet HTML 40Page - SMSC Corporation CAP1006 Datasheet HTML 41Page - SMSC Corporation CAP1006 Datasheet HTML 42Page - SMSC Corporation CAP1006 Datasheet HTML 43Page - SMSC Corporation CAP1006 Datasheet HTML 44Page - SMSC Corporation CAP1006 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
5 and 6 Channel Capacitive Touch Sensor
Datasheet
SMSC CAP1005 / CAP1006
41
Revision 1.1 (08-05-09)
DATASHEET
Bits 2 - 0 - CAL_CFG[2:0] - Determines the update time and number of samples of the automatic re-
calibration routine. The settings applies to all sensors universally (though individual sensors can be
configured to support re-calibration - see Section 5.11).
Note 5.1
Recalibration Samples refers to the number of samples that are measured and averaged
before the Base Count is updated however does not control the base count update period.
Once this target number of update cycles is reached, the device may wait additional time
as determined by the Update Time before the base count is updated as determiend by the
settings.
Note 5.2
Update Time refers to the amount of time (in polling cycle periods) that elapses before the
Base Count is updated. For those settings that have the Update Time greater than the
Recalibration Samples value, the device will wait (and continue to average the updated
base count) until the Update Time has elapsed before the base count is updated.
5.16
Sensor Threshold Registers
Table 5.25 CAL_CFG Bit Decode
CAL_CFG[2:0]
RECALIBRATION
SAMPLES (SEE
Note 5.1)
UPDATE TIME (SEE
Note 5.2)
21
0
0
0
0
16
16
00
1
32
32
01
0
64
64
0
1
1
256
256 (default)
1
0
0
256
1024
1
0
1
256
2048
1
1
0
256
4096
1
1
1
256
7936
Table 5.26 Sensor Threshold Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
30h
R/W
Sensor 1
Threshold
-64
32
16
8
4
2
1
40h
31h
R/W
Sensor 2
Threshold
-64
32
16
8
4
2
1
40h
32h
R/W
Sensor 3
Threshold
-64
32
16
8
4
2
1
40h
33h
R/W
Sensor 4
Threshold
-64
32
16
8
4
2
1
40h
34h
R/W
Sensor 5
Threshold
-64
32
16
8
4
2
1
40h
35h
R/W
Sensor 6
Threshold
-64
32
16
8
4
2
1
40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com