Electronic Components Datasheet Search
  English  ▼

X  

CAP1006 Datasheet(PDF) 46 Page - SMSC Corporation

Part # CAP1006
Description  5 and 6 Channel Capacitive Touch Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1006 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button CAP1006 Datasheet HTML 42Page - SMSC Corporation CAP1006 Datasheet HTML 43Page - SMSC Corporation CAP1006 Datasheet HTML 44Page - SMSC Corporation CAP1006 Datasheet HTML 45Page - SMSC Corporation CAP1006 Datasheet HTML 46Page - SMSC Corporation CAP1006 Datasheet HTML 47Page - SMSC Corporation CAP1006 Datasheet HTML 48Page - SMSC Corporation CAP1006 Datasheet HTML 49Page - SMSC Corporation CAP1006 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
5 and 6 Channel Capacitive Touch Sensor
Datasheet
Revision 1.1 (08-05-09)
46
SMSC CAP1005 / CAP1006
DATASHEET
The Standby Threshold registers stores the delta threshold that is used to determine if a touch has
been detected. When a touch occurs, the input signal of the corresponding sensor changes due to the
capacitance associated with a touch. If the sensor input change exceeds the threshold settings, then
a touch is detected.
5.22
Sensor Base Count Registers
The Sensor Base Count registers store the calibrated “Not Touched” input value from the Capacitive
Touch Sensor inputs. These registers are periodically updated by the re-calibration routine.
The routine uses an internal adder to add the current count value for each reading to the sum of the
previous readings until sample size has been reached. At this point, the upper 16 bits are taken and
used as the Sensor Base Count. The internal adder is then reset and the re-calibration routine
continues.
The data presented is determined by the BASE_SHIFT[3:0] bits (see Section 5.5).
APPLICATION NOTE:
5.23
Product ID Register
The Product ID register stores a unique 8-bit value that identifies the device.
Table 5.36 Sensor Base Count Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
50h
R
Sensor 1 Base
Count
128
64
32
16
8
4
2
1
C8h
51h
R
Sensor 2 Base
Count
128
64
32
16
8
4
2
1
C8h
52h
R
Sensor 3 Base
Count
128
64
32
16
8
4
2
1
C8h
53h
R
Sensor 4 Base
Count
128
64
32
16
8
4
2
1
C8h
54h
R
Sensor 5 Base
Count
128
64
32
16
8
4
2
1
C8h
55h
R
Sensor 6 Base
Count
128
64
32
16
8
4
2
1
C8h
Table 5.37 Product ID Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FDh
R
Product ID
CAP1006
01000100
44h
Product ID
CAP1005
01000101
45h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com