Electronic Components Datasheet Search
  English  ▼

X  

CAP1006 Datasheet(PDF) 35 Page - SMSC Corporation

Part # CAP1006
Description  5 and 6 Channel Capacitive Touch Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1006 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button CAP1006 Datasheet HTML 31Page - SMSC Corporation CAP1006 Datasheet HTML 32Page - SMSC Corporation CAP1006 Datasheet HTML 33Page - SMSC Corporation CAP1006 Datasheet HTML 34Page - SMSC Corporation CAP1006 Datasheet HTML 35Page - SMSC Corporation CAP1006 Datasheet HTML 36Page - SMSC Corporation CAP1006 Datasheet HTML 37Page - SMSC Corporation CAP1006 Datasheet HTML 38Page - SMSC Corporation CAP1006 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
5 and 6 Channel Capacitive Touch Sensor
Datasheet
SMSC CAP1005 / CAP1006
35
Revision 1.1 (08-05-09)
DATASHEET
Bits 3 - 0 - RPT_RATE[3:0] - (default 0100b) Determines the time duration between interrupt assertions
when auto repeat is enabled. The resolution is 35ms the range is from 35ms to 560ms as shown in
Table 5.13.
Table 5.12 MAX_DUR Bit Decode
MAX_DUR[3:0]
TIME BEFORE RECALIBRATION
32
1
0
0
0
0
0
560ms
0
0
0
1
840ms
0
0
1
0
1120ms
0
0
1
1
1400ms
0
1
0
0
1680ms
0
1
0
1
2240ms
0
1
1
0
2800ms
0
1
1
1
3360ms
1
0
0
0
3920ms
1
0
0
1
4480ms
1
0
1
0
5600ms
1
0
1
1
6720ms
1
1
0
0
7840ms
1
1
0
1
8906ms
1
1
1
0
10080ms
1
1
1
1
11200ms
Table 5.13 RPT_RATE Bit Decode
RPT_RATE[3:0] OR M_PRESS[3:0]
INTERRUPT REPEAT RATE
OR M_PRESS TIME
32
1
0
00
0
0
35ms
00
0
1
70ms
0
0
1
0
105ms
0
0
1
1
140ms
0
1
0
0
175ms
0
1
0
1
210ms
0
1
1
0
245ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com