Electronic Components Datasheet Search
  English  ▼

X  

CAP1006 Datasheet(PDF) 37 Page - SMSC Corporation

Part # CAP1006
Description  5 and 6 Channel Capacitive Touch Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1006 Datasheet(HTML) 37 Page - SMSC Corporation

Back Button CAP1006 Datasheet HTML 33Page - SMSC Corporation CAP1006 Datasheet HTML 34Page - SMSC Corporation CAP1006 Datasheet HTML 35Page - SMSC Corporation CAP1006 Datasheet HTML 36Page - SMSC Corporation CAP1006 Datasheet HTML 37Page - SMSC Corporation CAP1006 Datasheet HTML 38Page - SMSC Corporation CAP1006 Datasheet HTML 39Page - SMSC Corporation CAP1006 Datasheet HTML 40Page - SMSC Corporation CAP1006 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
5 and 6 Channel Capacitive Touch Sensor
Datasheet
SMSC CAP1005 / CAP1006
37
Revision 1.1 (08-05-09)
DATASHEET
before the next channel is sampled and the result is averaged over the number of samples measured
before updating the measured results.
For example, if CS1, CS2, and CS3 are sampled during the sensor cycle, and the AVG[2:0] bits are
set to take 4 samples per channel, then the full sensor cycle will be: CS1, CS1, CS1, CS1, CS2, CS2,
CS2, CS2, CS3, CS3, CS3, CS3.
Bit 2 - SAMP_TIME - Determines the time to take a single sample.
‘0’ - The sampling time is ~2.56ms.
‘1’ (default) - The sampling time is ~1.28ms.
Bits 1 - 0 - CYCLE_TIME[1:0] - Determines the overall cycle time for all measured channels during
normal operation as shown in Table 5.17. All measured channels are sampled at the beginning of the
cycle time. If additional time is remaining, then the device is placed into a lower power state for the
remaining duration of the cycle.
APPLICATION NOTE: The programmed cycle time is only maintained if the total averaging time for all samples is
less than the programmed cycle. The AVG[2:0] bits will take priority so that if more samples
are required than would normally be allowed during the cycle time, the cycle time will be
extended as necessary to accommodate the number of samples to be measured.
Table 5.16 AVG Bit Decode
AVG[2:0]
NUMBER OF SAMPLES TAKEN
PER MEASUREMENT
21
0
00
0
1
00
1
2
01
0
4
0
1
1
8 (default)
10
0
16
10
1
32
11
0
64
1
1
1
128
Table 5.17 CYCLE_TIME Bit Decode
CYCLE_TIME[1:0]
OVERALL CYCLE TIME
10
00
35ms
0
1
70ms (default)
1
0
105ms
1
1
140ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com