| Electronic Components Datasheet Search |
|
CAP1006 Datasheet(PDF) 22 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
CAP1006 Datasheet(HTML) 22 Page - SMSC Corporation |
|
22 / 53 page ![]() 5 and 6 Channel Capacitive Touch Sensor Datasheet Revision 1.1 (08-05-09) 22 SMSC CAP1005 / CAP1006 DATASHEET 3.6 BC-Link Interface (CAP1006-2 only) The BC-Link is a proprietary bus developed to allow communication between a host controller device to a companion device. This device uses this serial bus to read and write registers and for interrupt processing. The interface uses a data port concept, where the base interface has an address register, data register and a control register, defined in the SMSC’s 8051’s SFR space. Refer to documentation for the BC-Link comptabile host controller for details on how to access the CAP1006 via the BC-Link Interface. Figure 3.6 SPI Read Command - Normal Mode - Full Master SPDOUT SPI_MOSI Master Drives Slave Drives SPI_CLK Read Command – 7Fh SPI_CS# Data at previously set register address = current address pointer SPI_MISO ‘0’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ Data at previously set register address = current address pointer (SPI) XXh 1. Register Read Address updated to Current SPI Read Address pointer 1. Register data loaded into output buffer = data at current address pointer 1. Output buffer transmitted = data at previous address pointer + 1 = current address pointer 1. Register Read Address incremented = current address pointer + 1 1. SPI Read Address Incremented = new current address pointer 2. Register Read Address Incremented = current address pointer +1 Register Data loaded into Output buffer = data at current address pointer + 1 1. Output buffer transmitted = data at current address pointer + 1 2. Flag set to increment SPI Read Address at end of next 8 clocks ‘0’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ Data at previously set register address = current address pointer (SPI) 1. Register data loaded into output buffer = data at current address pointer 1. Output buffer transmitted = data at previous register address pointer + 1 = current address pointer 1. Output buffer transmitted = data at current address pointer + 1 2. Flag set to increment SPI Read Address at end of next 8 clocks Subsequent Read Commands – 7Fh 1. Register Read Address updated to Current SPI Read Address pointer. 2. Register Read Address incremented = current address pointer +1 – end result = register address pointer doesn’t change |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |