Electronic Components Datasheet Search
  English  ▼

X  

ICE1CS02 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # ICE1CS02
Description  Combi PFC/ PWM Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE1CS02 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button ICE1CS02 Datasheet HTML 8Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 9Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 10Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 11Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 12Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 13Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 14Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 15Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Combi PFC/ PWM Controller
ICE1CS02
Functional Description
Version 1.0
12
25 July 2008
Figure 11 Peak Current Limit (PCL)
3.4.6
Open Loop Protection / Input Under
Voltage Protect (OLP)
Whenever VSENSE voltage falls below 0.6V, or
equivalently VOUT falls below 20% of its rated value, it
indicates an open loop condition (i.e. VSENSE pin not
connected) or an insufficient input voltage VIN for
normal operation. In this case, most of the blocks within
the IC will be shutdown. It is implemented using
comparator C3 with a threshold of 0.6V as shown in the
IC block diagram in Figure 2.
3.4.7
Over-Voltage Protection (OVP)
Whenever VOUT exceeds the value set by pin 3 (PFC
OVP), higher than 3.15V, the over-voltage protection
OVP is active as shown in Figure 8, turning off gate. In
addition, a VSENSE voltage higher than 3.15V will
immediately reduce the output duty cycle, bypassing
the normal voltage loop control. This results in a lower
input power to reduce the output voltage VOUT.
3.4.8
Complete Current Loop
The complete system current loop is shown in Figure
13.
Figure 12 Complete System Current Loop
It consists of the current loop block which averages the
voltage at pin 16 (PFC ISENSE), resulted from the
inductor current flowing across R1. The averaged
waveform is compared with an internal ramp in the
ramp generator and PWM block. Once the ramp
crosses the average waveform, the comparator C1
turns on the driver stage through the PWM logic block.
The Nonlinear Gain block defines the amplitude of the
inductor current. The following sections describe the
functionality of each individual blocks.
3.4.9
Current Loop Compensation
The compensation of the current loop is done at the pin
1 (PFC ICOMP). This is the OTA2 output and a
capacitor C3 has to be installed at this node to ground
(see Figure 13). Under normal mode of operation, this
pin gives a voltage which is proportional to the
averaged inductor current. This pin is internally shorted
to 4V in the event of IC shuts down when OLP and
UVLO occur.
3.4.10
Pulse Width Modulation (PWM)
The IC employs an average current control scheme in
continuous conduction mode (CCM) to achieve the
power factor correction.
Assuming the voltage loop is working and output
voltage is kept constant, the off duty cycle DOFF for a
CCM PFC system is given as
From the above equation, DOFF is proportional to VIN.
ISENSE
R1
R2
I
INDUCTOR
OP1
1.43x
Current Limit
C2
TurnOff
Driver
1.0V
Full-wave
Rectifier
R
S
Vout
L1
C2
R3
R4
Gate
Driver
D1
From
Full-wave
Retifier
GATE
R1
R2
OTA2
PFC
ICOMP
4V
Current Loop
Compensation
Current Loop
Nonlinear
Gain
1.0mS
+/-50uA (linear range)
C3
S2
Fault
PFC
ISENSE
C1
PWM
Comparator
PWM Logic
Q
Input From
Voltage Loop
voltage
proportional to
averaged
Inductor current
R7
DOFF
VIN
VOUT
--------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com