Electronic Components Datasheet Search
  English  ▼

X  

ICE1CS02 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # ICE1CS02
Description  Combi PFC/ PWM Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE1CS02 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button ICE1CS02 Datasheet HTML 19Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 20Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 21Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 22Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 23Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 24Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 25Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 26Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 27Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Combi PFC/ PWM Controller
ICE1CS02
Electrical Characteristics
Version 1.0
25
25 July 2008
4.3.13
Driver Section
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
GATE Low Voltage
VGATEL
--
1.2
V
VCC = 10V
IGATE = 5 mA
--
1.5
V
VCC = 10V
IGATE = 20 mA
-0.4
-
V
IGATE = 0 A
-1.4
V
IGATE = 20 mA
-0.2
0.2
-
V
IGATE = -20 mA
GATE High Voltage
VGATEH
-
14.8
-
V
VCC = 25V
CL = 4.7nF
-
12.2
-
V
VCC = 15V
CL = 4.7nF
-7.5
-
V
VCC = VVCCoff + 0.2V
CL = 4.7nF
GATE Rise Time
tr
-60-
ns
VGate = 20 ~ 80 %VGATEH
CL = 4.7nF
GATE Fall Time
tf
-50-
ns
VGate = 80 ~ 20 %VGATEH
CL = 4.7nF
GATE Current, Peak,
Rising Edge
IGATE
--
-1.5
A
CL = 4.7nF
1)
1)
Design characteristics (not meant for production testing)
GATE Current, Peak,
Falling Edge
IGATE
2.0
-
-
A
CL = 4.7nF1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com