Electronic Components Datasheet Search
  English  ▼

X  

ICE1CS02 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # ICE1CS02
Description  Combi PFC/ PWM Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE1CS02 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button ICE1CS02 Datasheet HTML 12Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 13Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 14Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 15Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 16Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 17Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 18Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 19Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Combi PFC/ PWM Controller
ICE1CS02
Functional Description
Version 1.0
16
25 July 2008
If Vout is 330V, the duty cycle will be set back to
0.47.The switching frequency is set to fswitch = 130kHz.
3.5.4
PWM-Latch FF1
The output of the oscillator clock will provide
continuous pulse to the PWM-Latch which would turn
on the external MOS switch. After the PWM-Latch is
set, it can be reset by the PWM comparator, the Soft
Start comparator or the Current-Limit comparator.
When it is in reset mode, the output of the driver is
down immediately.
3.5.5
PWM Brown out
Figure 22
PWM brown out circuit
The voltage of the bus voltage is sensed through the
pin 2 (PFC VSENSE). When VSENSE drops to lower than
1.95V, the gate signal will stop. When the VSENSE rises
to higher than 2.85V, gate signal will resume again with
soft-start (see Figure 23). The blanking time of 50us is
added in order to avoid the noise interruption.
3.5.6
Output Gate Driver
The output gate driver is a fast totem pole gate drive. It
has an in-built cross conduction currents protection and
a Zener diode Z1 (see Figure 23) to protect the external
transistor switch against undesirable over voltages.
The maximum voltage at pin 8 (PWM OUT) is typically
clamped at 15V.
The output is active HIGH and at VCC voltages below
the under voltage lockout threshold VCCUVLO, the
gate drive is internally pull low to maintain the off state.
Figure 23
Gate Driver
3.5.7
Current Limiting
Figure 24
Current Limiting
There is a cycle by cycle peak current limiting operation
realized by the Current-Limit comparator C10. The
source current of the MOS switch is sensed via an
external sense resistor RSense. By means of RSense the
source current is transformed to a voltage Vcur_sense
which is fed into the PWM CS pin. If this voltage
exceeds the internal threshold voltage Vcsth the
comparator C10 immediately turns off the gate drive by
resetting
the
PWM
Latch
FF1.
In order to prevent the current limit from distortions
caused by leading edge spikes, a Leading Edge
Blanking is integrated into the current sense path
before connecting to the PWM-OP.
C11
C12
2.85V
S
R
Q
Q
50us
Blanking Time
PFC
VSENSE
1.95V
GATE
External
MOS
Z1
VCC
Gate Driver
PWM Logic
HIGH to
turn on
LV
* LV: Level Shift
C10
Leading
Edge
Blanking
220ns
V
csth
PWMLatch
FF1
10k
Ω
D1
1pF
PWM-OP
PWMCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com