Electronic Components Datasheet Search
  English  ▼

X  

ICE1CS02 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # ICE1CS02
Description  Combi PFC/ PWM Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE1CS02 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button ICE1CS02 Datasheet HTML 13Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 14Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 15Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 16Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 17Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 18Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 19Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 20Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Combi PFC/ PWM Controller
ICE1CS02
Functional Description
Version 1.0
17
25 July 2008
3.5.8
Leading Edge Blanking
Figure 25
Leading Edge Blanking
Whenever MOS switch is switched on, a leading edge
spike
is
generated
due
to
the
primary-side
capacitances and the reverse recovery time of
secondary-side rectifier. This spike can cause the gate
drive to switch off unintentionally. In order to avoid a
premature termination of the switching pulse, this spike
is blanked.
3.5.9
Pre-short Protection
Figure 26
Pre-short Protection
The IC will enter into protection, turning off the gate
when voltage at pin 9 (PWM CS) exceed 1.0V for a
period set externally through pin 11 (PWM Pre-short).
The IC will be resetted when IC exit out of PWM BOP.
3.5.10
External Synchronization
Figure 27
External Synchronization and Max Duty
Selection
During External Synchronization, external clock is input
by the synchronization signal input. PFC output is kept
in synchronization with PWM output in 1:2 ratio. The
maximum allowable external sync pulse width off time
is 0.5µs.
3.5.11
Max Duty Cycle Selection
Figure 28
Max Duty Cycle Selection Table
The maximum duty cycle is selected based on the
above setting at the PFC Vsense and PWM SYNC
pins.
3.5.12
PWM Slope Compensation
Figure 29
PWM slope compensation
The IC will enter into slope compensation at PWM CS
pin when Vsync is less than 3.0V.
t
V
Sense
V
csth
t
LEB = 220ns
CS
1.0V
GATE
Vpreshort
PROTECT
3.8V
10k
Synchronization
signal input
R
duty
Max Duty
cycle
control
resistor
VREF=5V
external clock
voltage at PWM SYNC
PWM
SYNC
pwm_out
pfc_out
V
sync
t
syncmax
Vsense (V)
Vsync (V)
Max Duty
Cycle (%)
> 2.6
> 3.0
< 2.6
< 3.0
47
47
60
-
gnd
Rcs
Rsl_comp
CoolMOS
Rgate
PWMout
Iramp
Vsync
Rsl_comp
variable to
change slope
for
compensation
>3.0V = OFF
<3.0V = ON
PWM CS
PWMout
Islope
PWM CS
V_Rcs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com