Electronic Components Datasheet Search
  English  ▼

X  

ICE1CS02 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # ICE1CS02
Description  Combi PFC/ PWM Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE1CS02 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button ICE1CS02 Datasheet HTML 15Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 16Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 17Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 18Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 19Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 20Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 21Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 22Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Combi PFC/ PWM Controller
ICE1CS02
Electrical Characteristics
Version 1.0
19
25 July 2008
4
Electrical Characteristics
Note:
All voltages are measured with respect to ground (Pin 5). The voltage levels are valid if other ratings are
not violated.
4.1
Absolute Maximum Ratings
Note:
Absolute maximum ratings are defined as ratings, which when being exceeded may lead to destruction
of the integrated circuit. For the same reason make sure, that any capacitor that will be connected to pin 7
(VCC) is discharged before assembling the application circuit.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
VCC Supply Voltage
VVCC
-0.3
26
V
PWM FB Voltage
VFB
-0.3
5.0
V
PWM CS Voltage
VCS
-0.3
5.0
V
PWM SYNC Voltage
VSYNC
-0.3
5.0
V
PWM PRESHORT Voltage
VPRESHORT
-0.3
5.0
V
PFC VINS Voltage
VVINS
-0.3
9.5
V
PFC VINS Current
IVINS
-1.0
35.0
µA
3)
PFC VINS_HYS Voltage
VVINS_HYS
-0.3
5.0
V
PFC ICOMP Voltage
VICOMP
-0.3
5.0
V
PFC OVP Voltage
VOVP
-0.3
5.0
V
PFC ISENSE Voltage
VISENSE
-20
5.0
V
2)
PFC ISENSE Current
IISENSE
-1.0
1.0
mA
PFC VSENSE Voltage
VVSENSE
-0.3
5.0
V
PFC VSENSE Current
IVSENSE
-1.0
1.0
mA
R3>400k
Ω
PFC VCOMP Voltage
VVCOMP
-0.3
5.0
V
External Voltage
Reference
VVREF
-0.3
VVREF0A V
GATE Voltage
VGATE
-0.3
17
V
Clamped at 15V if driven
internally.
Junction Temperature
Tj
-40
150
°C
Controller
Storage Temperature
TS
-55
150
°C
Thermal Resistance
Junction-Ambient
RthJA
90
K/W
PG-DIP-16-4
Thermal Resistance
Junction-Ambient
RthJA
-125
K/W
PG-DSO-16-17
ESD Capability
VESD
-
2
kV
Human body model1)
1)
According to EIA/JESD22-A114-B (discharging a 100pF capacitor through a 1.5k
Ω series resistor)
2) Absolute ISENSE current should not be exceeded
3) Absolute VINS current should not be exceeded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com