Electronic Components Datasheet Search
  English  ▼

X  

ICE1CS02 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # ICE1CS02
Description  Combi PFC/ PWM Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE1CS02 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button ICE1CS02 Datasheet HTML 9Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 10Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 11Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 12Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 13Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 14Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 15Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 16Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Combi PFC/ PWM Controller
ICE1CS02
Functional Description
Version 1.0
13
25 July 2008
The objective of the current loop is to regulate the
average inductor current such that it is proportional to
the off duty cycle DOFF, and thus to the input voltage
VIN. Figure 14 shows the scheme to achieve the
objective.
Figure 13 Average Current Control in CCM
The PWM is performed by the intersection of a ramp
signal with the averaged inductor current at pin 1 (PFC
ICOMP). The PWM cycle starts with the Gate turn off
for a duration of TOFFMIN (400ns typ.) and the ramp is
kept discharged. The ramp is then allowed to rise after
TOFFMIN expires. The off time of the boost transistor
ends at the intersection of the ramp signal and the
averaged current waveform. This results in the
proportional relationship between the average current
and the off duty cycle DOFF.
Figure 15 shows the timing diagrams of TOFFMIN and the
PWM waveforms.
Figure 14 Ramp and PWM waveforms
3.4.11
Nonlinear Gain Block
The nonlinear gain block controls the amplitude of the
regulated inductor current. The input of this block is the
voltage at pin 4 (PFC VCOMP). This block has been
designed to support the wide input voltage range (85-
265VAC).
3.4.12
PWM Logic
The PWM logic block prioritizes the control input
signals and generates the final logic signal to turn on
the driver stage. The speed of the logic gates in this
block, together with the width of the reset pulse TOFFMIN,
are designed to meet a maximum duty cycle DMAX of
95% at the GATE output under 65kHz of operation.
In case of high input currents which result in Peak
Current Limitation, the GATE will be turned off
immediately and maintained in off state for the current
PWM cycle. The signal Toffmin resets (highest priority,
overriding other input signals) both the current limit
latch and the PWM on latch as illustrated in Figure 16.
Figure 15 PWM Logic
3.4.13
Voltage Loop
The voltage loop is the outer loop of the cascaded
control scheme which controls the PFC output bus
voltage VOUT. This loop is closed by the feedback
sensing voltage at VSENSE which is a resistive divider
tapping from VOUT. The pin VSENSE is the input of
OTA1 which has an internal reference of 3V. Figure 17
shows the important blocks of this voltage loop.
3.4.14
Voltage Loop Compensation
The compensation of the voltage loop is installed at the
pin 4 (PFC VCOMP) (see Figure 17). This is the output
of OTA1 and the compensation must be connected at
this pin to ground. The compensation is also
responsible for the soft start function which controls an
increasing AC input current during start-up.
t
ave(IIN) at ICOMP
ramp profile
GATE
drive
TOFFMIN
400ns
VCREF
(1)
VRAMP
PWM
ramp
released
PWM cycle
(1) V
CREF is a function of VICOMP
t
G1
R
S
L1
R
S
L2
Peak Current
Limit
Current Loop
PWM on signal
Toffmin
400ns
Current
Limit Latch
PWM on
Latch
HIGH =
turn GATE on
Q
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com