Electronic Components Datasheet Search
  English  ▼

X  

ICE1CS02 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # ICE1CS02
Description  Combi PFC/ PWM Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE1CS02 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button ICE1CS02 Datasheet HTML 19Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 20Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 21Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 22Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 23Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 24Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 25Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 26Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 27Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Combi PFC/ PWM Controller
ICE1CS02
Electrical Characteristics
Version 1.0
23
25 July 2008
4.3.8
PFC Timing Section
4.3.9
PFC Current Loop Section
4.3.10
PFC Voltage Loop Section
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
Fixed Oscillator Frequency
fdelta
55
70
kHz
Max. Duty Cycle
DMAX
93
95
99
%
Min. Duty Cycle
DMIN
0%
VVCOMP= 0V, VVSENSE= 3V
VICOMP= 4.3V
Min. Off Time
TOFFMIN
120
320
500
ns
VVCOMP= 3V, VVSENSE= 3V
VISENSE= 0.1V
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
OTA2 Transconductance Gain
GmOTA2
0.7
1.0
1.2
mS At Temp = 25°C
OTA2 Output Linear Range
IOTA2
+/- 50
µA
ICOMP Voltage during OLP
VICOMPF
4.0
4.5
5.1
V
VVSENSE= 0.5V
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
OTA1 Reference Voltage
VOTA1
2.92
3.00
3.08
V
Trimmed Reference
measured at PFC
VSENSE
OTA1 Transconductance Gain
GmOTA1
26
40
52
µS
OTA1 Max. Source Current
Under Normal Operation
IOTA1SO
19
30
39
µA
VVSENSE= 2V
VVCOMP= 3V
OTA1 Max. Sink Current
Under Normal Operation
IOTA1SK
18
29
38
µA
VVSENSE= 4V
VVCOMP= 3V
Enhanced Dynamic Response
VSENSE High Threshold
VSENSE Low Threshold
VHi
VLo
3.10
2.76
3.18
2.85
3.27
2.94
V
V
VSENSE Input Bias Current at 3V
IVSEN3V
0-
1.5
µA
VVSENSE= 3V
VSENSE Input Bias Current at 1V
IVSEN1V
0-1
µA
VVSENSE= 1V
VCOMP Voltage during OLP
VVCOMPF
0.40
0.67
1.00
V
VVSENSE= 0.5V
IVCOMP= 0.5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com