Electronic Components Datasheet Search
  English  ▼

X  

ICE1CS02 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # ICE1CS02
Description  Combi PFC/ PWM Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE1CS02 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button ICE1CS02 Datasheet HTML 14Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 15Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 16Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 17Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 18Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 19Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 20Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 21Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Combi PFC/ PWM Controller
ICE1CS02
Functional Description
Version 1.0
18
25 July 2008
3.5.13
PWM External Shut down by Pre-Short
Whenever VPreshort fall below the value set by pin 11
(PWM Pre-short) of 0.4V, the PWM output will be shut
down, as shown in Figure 30.
Figure 30
PWM Shut down by Pre-Short
3.5.14
PWM External Voltage Reference
The PWM external voltage reference is generated from
an internal trimmed 5V voltage reference. The external
voltage reference can source a minimum 12mA current
at pin 13 (VREF). To protect this external voltage
reference, it is equipped with a foldback characteristic,
which will cut down the output current when VREF is
shorted to GND. When using this external voltage
reference, the total current consumption of this IC
which includes this maximum source current must not
exceed the maximum operating junction temperature
of 125°C.
PWM Pre-Short
C13
0.4V
PWM Shut Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com