Electronic Components Datasheet Search
  English  ▼

X  

ADP3210 Datasheet(PDF) 16 Page - ON Semiconductor

Part # ADP3210
Description  7-Bit Programmable Multiphase Mobile CPU Synchronous
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3210 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button ADP3210 Datasheet HTML 12Page - ON Semiconductor ADP3210 Datasheet HTML 13Page - ON Semiconductor ADP3210 Datasheet HTML 14Page - ON Semiconductor ADP3210 Datasheet HTML 15Page - ON Semiconductor ADP3210 Datasheet HTML 16Page - ON Semiconductor ADP3210 Datasheet HTML 17Page - ON Semiconductor ADP3210 Datasheet HTML 18Page - ON Semiconductor ADP3210 Datasheet HTML 19Page - ON Semiconductor ADP3210 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
ADP3210
Rev. 0.3 | Page 16 of 38
IR = AR ×IRAMP
AD
0.2V
CLOCK
OSCILLATOR
Q
S
RD
FLIP-FLOP
IR = AR × IRAMP
AD
0.2V
CLOCK
OSCILLATOR
Q
S
RD
FLIP-FLOP
VCC
L
RI
LOAD
L
RI
CR
CR
SW1
PWM1
VCC
DRVH
DRVL
GATE DRIVER
SW
IN
DRVH
DRVL
GATE DRIVER
SW
IN
SW2
VCC
RAMP
RA
CFB
RFB
CA
CB
VDC
VCS
RCS
CCS
RPH
RPH
COMP
FB
FBRTN
CSCOMP
CSSUM
CSREF
LLINE
+
+–
+
–
+
PWM2
IR = AR ×IRAMP
AD
0.2V
CLOCK
OSCILLATOR
Q
S
RD
FLIP-FLOP
IR = AR × IRAMP
AD
0.2V
CLOCK
OSCILLATOR
Q
S
RD
FLIP-FLOP
VCC
L
RI
LOAD
L
RI
CR
CR
SW1
PWM1
VCC
VCC
DRVH
DRVL
GATE DRIVER
SW
IN
DRVH
DRVL
GATE DRIVER
SW
IN
DRVH
DRVL
GATE DRIVER
SW
DRVH
DRVL
GATE DRIVER
SW
IN
SW2
VCC
VCC
RAMP
RA
CFB
RFB
CA
CB
VDC
VCS
RCS
CCS
RPH
RPH
COMP
FB
FBRTN
CSCOMP
CSSUM
CSREF
LLINE
+
+–
+
–
+
PWM2
Figure 9. Dual-Phase PWM Mode Operation
SWITCH FREQUENCY SETTING
Master Clock Frequency for PWM Mode
The clock frequency of the ADP3210 is set by an external
resistor connected from the RT pin to ground. The frequency
varies with the VID voltage: the lower the VID voltage, the
lower the clock frequency. The variation of clock frequency
with VID voltage makes VCORE ripple remain constant and
improves power conversion efficiency at a lower VID voltage.
Figure 6 shows the relationship between clock frequency and
VID voltage, parameterized by RT resistance.
To determine the switching frequency per phase, the clock is
divided by the number of phases in use. If PWM3 is pulled up
to VCC, then the master clock is divided by 2 for the frequency
of the remaining phases. If PWM2 and PWM3 are pulled up to
VCC, then the switching frequency of a Phase 1 equals the
master clock frequency. If all phases are in use, divide by 3.
Switching Frequency for RPM Mode–Phase 1
When ADP3210 operates in single-phase RPM mode, its
switching frequency is not controlled by the master clock, but
by the ripple voltage on the COMP pin. The PWM1 pin is set
high each time the COMP pin voltage rises to a voltage limit
determined by the VID voltage and the external resistance
connected from Pin RPM to ground. Whenever PWM1 pin is
high, an internal ramp signal rises at a slew rate programmed by
the current flowing into the RAMP pin. Once this internal
ramp signal hits the COMP pin voltage, the PWM1 pin is reset
to low.
In continuous current mode, the switching frequency of RPM
operation is maintained almost constantly. While in
discontinuous current mode, the switching frequency reduces
with the load current.
OUTPUT VOLTAGE DIFFERENTIAL SENSING
The ADP3210 combines differential sensing with a high accuracy,
VID DAC, precision REF output and a low offset error amplifier to
meet the rigorous accuracy requirement of the Intel IMVP-6.5
specification. In steady-state, the VID DAC and error amplifier
meet the worst-case error specification of ±10 mV over the full
operating output voltage and temperature range.
The CPU core output voltage is sensed between the FB and
FBRTN pins. Connect FB through a resistor to the positive
regulation point, usually the VCC remote sense pin of the
microprocessor. Connect FBRTN directly to the negative
remote sense point, the VSS sense point of the CPU. The
internal VID DAC and precision voltage reference are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com