Electronic Components Datasheet Search
  English  ▼

X  

ADP3210 Datasheet(PDF) 31 Page - ON Semiconductor

Part # ADP3210
Description  7-Bit Programmable Multiphase Mobile CPU Synchronous
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3210 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button ADP3210 Datasheet HTML 27Page - ON Semiconductor ADP3210 Datasheet HTML 28Page - ON Semiconductor ADP3210 Datasheet HTML 29Page - ON Semiconductor ADP3210 Datasheet HTML 30Page - ON Semiconductor ADP3210 Datasheet HTML 31Page - ON Semiconductor ADP3210 Datasheet HTML 32Page - ON Semiconductor ADP3210 Datasheet HTML 33Page - ON Semiconductor ADP3210 Datasheet HTML 34Page - ON Semiconductor ADP3210 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
ADP3210
Rev. 0.3 | Page 31 of 38
the design; some adjustments can be necessary to account for
PCB and component parasitic effects (see the Tuning Procedure
for ADP3210).
The first step is to compute the time constants for all of the
poles and zeros in the system
()
VID
O
X
RT
ID
RT
L
DS
D
O
E
V
R
C
n
V
D
n
L
V
V
R
R
A
R
n
R
×
×
×
×
×
−
×
×
+
×
+
×
+
×
=
1
2
(29)
()
X
O
O
X
O
X
A
R
R
R
R
L
R
R
C
T
'
'
−
×
+
−
×
=
(30)
(
)
X
O
X
B
C
R
R
R
T
×
−
+
=
'
(31)
E
VID
SW
DS
D
RT
C
R
V
f
R
A
L
V
T
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
−
×
=
2
(32)
()
O
Z
O
X
O
Z
X
D
R
C
R
R
C
R
C
C
T
×
+
−
×
×
×
=
'
2
(33)
where:
R’ is the PCB resistance from the bulk capacitors to the ceramics.
RDS is the total low-side MOSFET on-resistance per phase.
For this example, AD is 5, VRT = 1. 5 V, R’ is approximately
0.4 mΩ (assuming an 8-layer motherboard) and LX is 250 pH
for the four Panasonic SP capacitors.
The compensation values can be solved using the following:
B
E
A
O
R
R
T
R
n
C
×
×
×
=
A
(34)
A
C
A
C
T
R =
(35)
B
B
B
R
T
C =
(36)
A
D
FB
R
T
C
=
(37)
The standard values for these components are subject to the
tuning procedure, as introduced in the CIN Selection and Input
Current DI/DT Reduction section.
CIN SELECTION AND INPUT CURRENT DI/DT
REDUCTION
In continuous inductor-current mode, the source current of the
high-side MOSFET is approximately a square wave with a duty
ratio equal to n × VOUT/VIN and an amplitude of 1-nth the
maximum output current. To prevent large voltage transients, a
low ESR input capacitor sized for the maximum rms current
must be used. The maximum rms capacitor current happens at
the lowest input voltage, and is given by:
1
1
−
×
×
×
=
D
n
I
D
I
O
CRMS
(38)
A
3
.
10
1
64
0.1
2
1
A
44
164
.
0
=
−
×
×
×
=
CRMS
I
In a typical notebook system, the battery rail decouplings are
MLCC capacitors or a mixture of MLCC capacitors and bulk
capacitors. In this example, the input capacitor bank is formed
by eight pieces of 10 μF, and 25 V MLCC capacitors with a
ripple current rating of about 1.5 A each.
RC SNUBBER
It is important in any buck topology to use a resistor-capacitor
snubber across the low side power MOSFET. The RC snubber
dampens ringing on the switch node when the high side
MOSFET turns on. The switch node ringing could cause EMI
system failures and increased stress on the power components
and controller. The RC snubber should be placed as close as
possible to the low side MOSFET. Typical values for the resistor
range from 1 Ω to 10 Ω. Typical values for the capacitor range
from 330 pF to 4.7 nF. The exact value of the RC snubber
depends on the PCB layout and MOSFET selection. Some fine
tuning must be done to find the best values. The equation below
is used to find the starting values for the RC subber.
OSS
Ringing
Snubber
C
f
R
×
×
×
=
π
2
1
(i))
Snubber
Ringing
Snubber
R
f
C
×
×
=
π
1
(ii))
Swithing
Input
Snubber
Snubber
f
V
C
P
×
×
=
2
(iii))
Where RSnubber is the snubber resistor.
CSnubber is the snubber capacitor.
fRininging is the frequency of the ringing on the switch node when
the high side MOSFET turns on.
COSS is the low side MOSFET output capacitance at VInput. This is
taken from the low side MOSFET data sheet.
Vinput is the input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com