Electronic Components Datasheet Search
  English  ▼

X  

ADP3210 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADP3210
Description  7-Bit Programmable Multiphase Mobile CPU Synchronous
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3210 Datasheet(HTML) 4 Page - ON Semiconductor

  ADP3210 Datasheet HTML 1Page - ON Semiconductor ADP3210 Datasheet HTML 2Page - ON Semiconductor ADP3210 Datasheet HTML 3Page - ON Semiconductor ADP3210 Datasheet HTML 4Page - ON Semiconductor ADP3210 Datasheet HTML 5Page - ON Semiconductor ADP3210 Datasheet HTML 6Page - ON Semiconductor ADP3210 Datasheet HTML 7Page - ON Semiconductor ADP3210 Datasheet HTML 8Page - ON Semiconductor ADP3210 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
ADP3210
Rev. 0.3 | Page 4 of 38
Parameter
Symbol
Conditions
Min
Typ
Max
Units
CSREF rising
−75
−10
mV
PWRGD Low Voltage
VPWRGD
IPWRGD(SINK) = 4 mA
85
250
mV
PWRGD Leakage Current
IPWRGD
VPWRDG = 5 V
1
μA
PWRGD Start-up Delay
TSSPWRGD
Measured from CLKEN neg edge to PWRGD pos
edge
8
ms
PWRGD Propagation Delay2
TPDPWRGD
Measured from Out-off-Good-Window event to
PWRGD pos edge
200
ns
PWRGD Masking Time
Triggered by any VID change or OCP event
100
μs
CSREF Soft-stop Resistance
EN = L or Latch-off condition
50
Ω
CURRENT CONTROL
CURRENT-SENSE AMPLIFIER
(CSAMP)
CSSUM, CSREF Common-
Mode Range2
0
3.5
V
CSREF, CSSUM Offset Voltage
VOSCSA
CSREF – CSSUM
TA = 25 C
TA =–10 C to 85 C
−0.3
−1.2
+0.3
+1.2
mV
mV
CSSUM Bias Current
IBCSSUM
−50
+50
nA
CSREF Bias Current
IBCSREF
−1
+1
μA
CSCOMP Voltage Range2
0.05
2.0
V
CSCOMP Current2
ICSCOMPsource
ICSCOMPsink
CSCOMP = 2 V,
CSSUM forced 200 mV below CSREF
CSSUM forced 200 mV above CSREF
−660
1
μA
mA
CSCOMP Slew Rate2
CCSCOMP = 10 pF
CSSUM forced 200 mV below CSREF
CSSUM forced 200 mV above CSREF
10
−10
V/
μs
V/
μs
Gain Bandwidth2
GBWCSA
Inverting unit gain configuration, R = 1 kOhm
20
MHz
CURRENT MONITORING
and PROTECTION
CURRENT REFERENCE
IREF Voltage
VREF
RREF = 80 k
Ω to set I
REF
= 20
μA
1.55
1.6
1.65
V
CURRENT LIMITER (OCP)
Current Limit (OCP) Threshold
VLIMTH
CSCOMP relative to CSREF, RLIM = 4.5 kΩ,
3-ph configuration, PSI = H
3-ph configuration, PSI = L
−70
−15
−90
−30
−110
−50
mV
mV
2-ph configuration, PSI = H
2-ph configuration, PSI = L
−70
−30
−90
−45
−110
−65
mV
1-ph configuration
−70
−90
−110
mV
Current Limit Latch-off Delay
8
ms
CURRENT MONITOR
Current Gain Accuracy
IMON/ILIM
Measured from ILIM to IMON
ILIM = −20
μA
ILIM = −10
μA
ILIM = −5
μA2
9.4
9.1
8.9
10
10
10
10.7
11
11.4
-
-
-
IMON Clamp Voltage
VMAXMON
Relative to FBRTN, ILIM =−30 μA
1.0
1.15
V
PULSE WIDTH MODULATOR
CLOCK OSCILLATOR
RT Voltage
VRT
RT = 125 k
Ω, V
VID
= 1.4000 V
See also VRT(VVID) formula
1.08
1.2
1.32
V
PWM Clock Frequency Range2
fCLK
0.3
3
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com