Electronic Components Datasheet Search
  English  ▼

X  

ADP3210 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADP3210
Description  7-Bit Programmable Multiphase Mobile CPU Synchronous
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3210 Datasheet(HTML) 3 Page - ON Semiconductor

  ADP3210 Datasheet HTML 1Page - ON Semiconductor ADP3210 Datasheet HTML 2Page - ON Semiconductor ADP3210 Datasheet HTML 3Page - ON Semiconductor ADP3210 Datasheet HTML 4Page - ON Semiconductor ADP3210 Datasheet HTML 5Page - ON Semiconductor ADP3210 Datasheet HTML 6Page - ON Semiconductor ADP3210 Datasheet HTML 7Page - ON Semiconductor ADP3210 Datasheet HTML 8Page - ON Semiconductor ADP3210 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
ADP3210
Rev. 0.3 | Page 3 of 38
SPECIFICATIONS
VCC = 5 V, FBRTN = GND, EN = VCC, VVID = 1.20 V to 1.5000 V, PSI = 1.1 V, DPRSLP = GND, LLINE = CSREF,
Current going into pin is positive. TA = −10°C to 100°C, unless otherwise noted.1 RREF = 80 kΩ
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VOLTAGE CONTROL
VOLTAGE ERROR AMPLIFIER
(VEAMP)
FB, LLINE Voltage Range2
VFB, VLLINE
Relative to CSREF = VDAC
−200
+200
mV
FB, LLINE Offset Voltage2
VOSVEA
Relative to CSREF = VDAC
−0.5
+0.5
mV
FB Bias Current
IFB
−1
+1
μA
LLINE Bias Current
ILL
−50
+50
nA
LLINE Positioning Accuracy
VFB − VVID
Measured on FB relative to VVID, LLINE forced 80 mV
below CSREF
−82
−80
−78
mV
COMP Voltage Range2
VCOMP
0.85
4.0
V
COMP Current2
ICOMP
COMP = 2 V, CSREF = VDAC
FB forced 80 mV below CSREF
FB forced 80 mV above CSREF
−0.75
10
mA
mA
COMP Slew Rate2
SRCOMP
CCOMP = 10 pF, CSREF = VDAC
FB forced 200 mV below CSREF
FB forced 200 mV above CSREF
15
−20
V/
μs
V/
μs
Gain Bandwidth2
GBW
Inverting unit gain configuration, R = 1 kOhm
20
MHz
VID DAC VOLTAGE REFERENCE
VDAC Voltage Range2
See VID table
0
1.5
V
VDAC Accuracy
VFB − VVID
Measured on FB (includes offset), relative to VVID,
for VID table see Figure 2
VVID = 0.3000V to 1.2000V
VVID = 1.2125V to 1.5000V
−6
−7
+6
+7
mV
mV
VDAC Differential
Nonlinearity2
−1
+1
LSB
VDAC Line Regulation2
ΔV
FB
VCC = 4.75 V to 5.25 V
0.05
%
VDAC Boot Voltage
VBOOTFB
Measured during boot delay period
1.100
V
Soft-start Delay
tSS
Measured from EN pos edge to FB settles to Vboot =
1.1 V within 5 %
1.4
ms
Boot Delay
tBOOT
Measured from FB settling to Vboot = 1.1 V within 5%
to CLKEN# neg edge
100
μs
VDAC Slew Rate
Soft-start
non-LSB VID step
DVID transition (LSB VID step)
0.0625
1
0.4
LSB/
μs
LSB/
μs
LSB/
μs
FBRTN Current
IFBRTN
−90
200
μA
VOLTAGE MONITORING
and PROTECTION
POWER GOOD
CSREF Under-voltage
Threshold
VUVCSREF
Relative to nominal DAC voltage
−360
−300
−240
mV
CSREF Over-voltage
Threshold
VOVCSREF
Relative to nominal DAC voltage
135
200
250
mV
CSREF Crowbar Voltage
Threshold
VCBCSREF
Relative to FBRTN
1.5
1.55
1.6
V
CSREF Reverse Voltage
Threshold
VRVCSREF
Relative to FBRTN
CSREF falling
−350
−300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com