Electronic Components Datasheet Search
  English  ▼

X  

ADP3210 Datasheet(PDF) 29 Page - ON Semiconductor

Part # ADP3210
Description  7-Bit Programmable Multiphase Mobile CPU Synchronous
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3210 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button ADP3210 Datasheet HTML 25Page - ON Semiconductor ADP3210 Datasheet HTML 26Page - ON Semiconductor ADP3210 Datasheet HTML 27Page - ON Semiconductor ADP3210 Datasheet HTML 28Page - ON Semiconductor ADP3210 Datasheet HTML 29Page - ON Semiconductor ADP3210 Datasheet HTML 30Page - ON Semiconductor ADP3210 Datasheet HTML 31Page - ON Semiconductor ADP3210 Datasheet HTML 32Page - ON Semiconductor ADP3210 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
ADP3210
Rev. 0.3 | Page 29 of 38
For example, using an IRF7821 device as the main MOSFET
(four in total; that is, nMF = 4), with about CISS = 1010 pF (max)
and RDS(MF) = 18 mΩ (max at TJ = 120°C) and an IR7832 device
as the synchronous MOSFET (four in total; that is, nSF = 4),
RDS(SF) = 6.7 mΩ (max at TJ = 120°C). Solving for the power
dissipation per MOSFET at IO = 32 A and IR = 10.7 A yields
420 mW for each synchronous MOSFET and 410 mW for each
main MOSFET.
One last consideration is the power dissipation in the driver for
each phase. This is best described in terms of the QG for the
MOSFETs and is given by the following equation:
()
CC
CC
GSF
SF
GMF
MF
SW
DRV
V
I
Q
n
Q
n
n
f
P
×
⎥⎦
⎤
⎢⎣
⎡
+
×
+
×
×
×
=
2
(20)
where:
QGMF is the total gate charge for each main MOSFET.
QGSF is the total gate charge for each synchronous MOSFET.
Also shown is the standby dissipation (ICC × VCC) of the driver.
For the ADP3419, the maximum dissipation should be less than
300 mW, considering its thermal impedance is 220°C/W and
the maximum temperature increase is 50°C. For this example,
with ICC = 2 mA, QGMF = 14 nC and QGSF = 51 nC, there is 120
mW dissipation in each driver, which is below the 300 mW
dissipation limit. See the ADP3419 data sheet for more details.
RAMP RESISTOR SELECTION
The ramp resistor (RR) is used for setting the size of the internal
PWM ramp. The value of this resistor is chosen to provide the
best combination of thermal balance, stability, and transient
response. Use this equation to determine a starting value
Ω
=
×
Ω
×
×
×
=
×
×
×
×
=
k
462
pF
5
m
2
.
5
5
3
nH
360
5
.
0
3
R
R
DS
D
R
R
R
C
R
A
L
A
R
(21)
where:
AR is the internal ramp amplifier gain.
AD is the current balancing amplifier gain.
RDS is the total low-side MOSFET ON-resistance,
CR is the internal ramp capacitor value.
Another consideration in the selection of RR is the size of the
internal ramp voltage (see Equation 22). For stability and noise
immunity, keep this ramp size larger than 0.5 V. Taking this into
consideration, the value of RR is selected as 280 kΩ.
The internal ramp voltage magnitude can be calculated using:
V
83
.
0
kHz
280
pF
5
k
462
V
150
.
1
)
061
.
0
1
(
5
.
0
)
1
(
=
×
×
Ω
×
−
×
=
×
×
×
−
×
=
R
SW
R
R
VID
R
R
V
f
C
R
V
D
A
V
(22)
The size of the internal ramp can be made larger or smaller. If it
is made larger, then stability and transient response improves,
but thermal balance degrades. Likewise, if the ramp is made
smaller, then thermal balance improves at the sacrifice of
transient response and stability. The factor of three in the
denominator of Equation 21 sets a minimum ramp size that
gives an optimal balance for good stability, transient response,
and thermal balance.
COMP Pin Ramp
There is a ramp signal on the COMP pin due to the droop
voltage and output voltage ramps. This ramp amplitude adds to
the internal ramp to produce the following overall ramp signal
at the PWM input:
()
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
×
×
−
×
−
=
O
X
SW
R
RT
R
C
f
n
D
n
V
V
1
2
1
(23)
For this example, the overall ramp signal is found to be 1.5 V.
SETTING THE SWITCHING FREQUENCY FOR RPM
MODE OPERATION OF PHASE 1
During the RPM mode operation of Phase 1, the ADP3210 runs
in pseudo constant frequency, given that the load current is
high enough for continuous current mode. While in
discontinuous current mode, the switching frequency is
reduced with the load current in a linear manner. When
considering power conversion efficiency in light load, lower
switching frequency is usually preferred for RPM mode.
However, the VCORE ripple specification in the IMVP-6 sets the
limitation for lowest switching frequency. Therefore, depending
on the inductor and output capacitors, the switching frequency
in RPM mode can be equal, larger, or smaller than its
counterpart in PWM mode.
A resistor from RPM to GND sets the pseudo constant
frequency as following:
Ω
−
×
×
×
−
×
×
+
×
=
k
5
.
0
)
1
(
V
0
.
1
2
SW
R
R
VID
R
VID
T
RPM
f
C
R
V
D
A
V
R
R
(24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com