Electronic Components Datasheet Search
  English  ▼

X  

ADP3210 Datasheet(PDF) 22 Page - ON Semiconductor

Part # ADP3210
Description  7-Bit Programmable Multiphase Mobile CPU Synchronous
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3210 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button ADP3210 Datasheet HTML 18Page - ON Semiconductor ADP3210 Datasheet HTML 19Page - ON Semiconductor ADP3210 Datasheet HTML 20Page - ON Semiconductor ADP3210 Datasheet HTML 21Page - ON Semiconductor ADP3210 Datasheet HTML 22Page - ON Semiconductor ADP3210 Datasheet HTML 23Page - ON Semiconductor ADP3210 Datasheet HTML 24Page - ON Semiconductor ADP3210 Datasheet HTML 25Page - ON Semiconductor ADP3210 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
ADP3210
Rev. 0.3 | Page 22 of 38
VID6
VID5
VID4
VID3
VID2
VID1
VID0
OUTPUT
1
1
0
0
0
1
0
0.2750 V
1
1
0
0
0
1
1
0.2625 V
1
1
0
0
1
0
0
0.2500 V
1
1
0
0
1
0
1
0.2375 V
1
1
0
0
1
1
0
0.2250 V
1
1
0
0
1
1
1
0.2125 V
1
1
0
1
0
0
0
0.2000 V
1
1
0
1
0
0
1
0.1875 V
1
1
0
1
0
1
0
0.1750 V
1
1
0
1
0
1
1
0.1625 V
1
1
0
1
1
0
0
0.1500 V
1
1
0
1
1
0
1
0.1375 V
1
1
0
1
1
1
0
0.1250 V
1
1
0
1
1
1
1
0.1125 V
1
1
1
0
0
0
0
0.1000 V
VID6
VID5
VID4
VID3
VID2
VID1
VID0
OUTPUT
1
1
1
0
0
0
1
0.0875 V
1
1
1
0
0
1
0
0.0750 V
1
1
1
0
0
1
1
0.0625 V
1
1
1
0
1
0
0
0.0500 V
1
1
1
0
1
0
1
0.0375 V
1
1
1
0
1
1
0
0.0250 V
1
1
1
0
1
1
1
0.0125 V
1
1
1
1
0
0
0
0.0000 V
1
1
1
1
0
0
1
0.0000 V
1
1
1
1
0
1
0
0.0000 V
1
1
1
1
0
1
1
0.0000 V
1
1
1
1
1
0
0
0.0000 V
1
1
1
1
1
0
1
0.0000 V
1
1
1
1
1
1
0
0.0000 V
1
1
1
1
1
1
1
0.0000 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com