Electronic Components Datasheet Search
  English  ▼

X  

ADP3210 Datasheet(PDF) 32 Page - ON Semiconductor

Part # ADP3210
Description  7-Bit Programmable Multiphase Mobile CPU Synchronous
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3210 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button ADP3210 Datasheet HTML 28Page - ON Semiconductor ADP3210 Datasheet HTML 29Page - ON Semiconductor ADP3210 Datasheet HTML 30Page - ON Semiconductor ADP3210 Datasheet HTML 31Page - ON Semiconductor ADP3210 Datasheet HTML 32Page - ON Semiconductor ADP3210 Datasheet HTML 33Page - ON Semiconductor ADP3210 Datasheet HTML 34Page - ON Semiconductor ADP3210 Datasheet HTML 35Page - ON Semiconductor ADP3210 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
ADP3210
Rev. 0.3 | Page 32 of 38
fSwitching is the switching frequency.
PSnubber is the power dissipated in RSnubber.
SELECTING THERMAL MONITOR COMPONENTS
For single-point hot spot thermal monitoring, simply set RTTSET1
equal to the NTC thermistor’s resistance at the alarm
temperature (see Figure 26). For example, if the VRTT alarm
temperature is 100°C using a Vishey thermistor (NTHS-
0603N011003J) with a resistance of 100 kΩ at 25°C, and 6.8 kΩ
at 100°C, simply set RTTSET1 = RTH1(100°C) to 6.8 kΩ.
Figure 26. Single-Point Thermal Monitoring
Multiple-point hot spot thermal monitoring can be
implemented as shown in Figure 27. If any of the monitored hot
spots reaches alarm temperature, the VRTT signal is asserted.
The following calculation sets the alarm temperature:
RATURE
ALARMTEMPE
TH
REF
FD
REF
FD
TTSET
R
V
V
V
V
R
1
1
½
½
−
+
=
(39)
where VFD is the forward drop voltage of the parallel diode.
Because the forward current is very small, the forward drop
voltage is very low (100 mV). Assuming the same 100°C alarm
temperature used in the single-spot thermal monitoring example,
and the same Vishay thermistor, then Equation 39 leads to
RTTSET = 7.37 kΩ, whose closest standard resistor is 7.32 kΩ (1%).
Figure 27. Multiple-Point Thermal Monitoring
The number of hot spots monitored is not limited. The alarm
temperature of each hot spot can be set differently by playing
different RTTSET1, RTTSET2, RTTSETn.
TUNING PROCEDURE FOR ADP3210
1.
Build the circuit based on compensation values computed
from Equation 1 to Equation 39.
2.
Hook-up the dc load to the circuit. Turn the circuit on and
verify operation. Check for jitter at no load and full load.
DC Loadline Setting
3.
Measure the output voltage at no load (VNL). Verify that it
is within tolerance.
4.
Measure the output voltage at full load and at cold (VFLCOLD).
Let the board set for a ~10 minutes at full load and measure
the output (VFLHOT). If there is a change of more than a few
millivolts, then adjust RCS1 and RCS2 using Equation 40 and
Equation 41.
FLHOT
NL
FLCOLD
NL
OLD
CS
NEW
CS
V
V
V
V
R
R
−
−
×
=
)
(
2
)
(
2
(40)
5.
Repeat Step 4 until cold and hot voltage measurements
remain the same.
6.
Measure output voltage from no load to full load using 5 A
steps. Compute the load line slope for each change and
then average it to get the overall load line slope (ROMEAS).
7.
If ROMEAS is off from RO by more than 0.05 mΩ, use the
following to adjust the RPH values:
O
OMEAS
OLD
PH
NEW
PH
R
R
R
R
×
=
)
(
)
(
(41)
8.
Repeat Step 6 and Step 7 to check load line and repeat
adjustments if necessary.
9.
Once complete with dc load line adjustment, do not change
RPH, RCS1, RCS2, or RTH for the rest of procedure.
10. Measure output ripple at no load and full load with a scope
to make sure it is within specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com