Electronic Components Datasheet Search
  English  ▼

X  

ST7586S Datasheet(PDF) 33 Page - Sitronix Technology Co., Ltd.

Part # ST7586S
Description  4-Level Gray Scale Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7586S Datasheet(HTML) 33 Page - Sitronix Technology Co., Ltd.

Back Button ST7586S Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 37Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
ST7586S
Ver-1.1a
33/63
2009/11/30
Set Column Address
This instruction is used to define area of DDRAM where MCU can access. The column address is automatically increased by
one (+1) after each DDRAM access. After the ending column address XE[15..0], column address returns to starting column
address XS[15..0]. The XS[15..0] setting that must be equal to or less than XE[15..0]. When XS[15..0] or XE[15..0] is great
than 7Fh, out of DDRAM range will be ignored.
Set Row Address
This instruction is used to define area of DDRAM where MCU can access. The row address is automatically increased by
one (+1) after column address counter is over XE[15..0]. The row address will return to starting row address YS[15..0]
immediately when the row address increases one over the ending row address YE[15..0]. The YS[15..0] setting must be
equal
to or less than YE[15..0]. When YS[15..0] or YE[15..0] is great than 9Fh, out of DDRAM range will be ignored.
Write Display Data
This instruction is used to transfer data from MCU to DDRAM without changing status of ST7586S. The column address and
row address will be reset to starting column address (XS) and starting row address (YS) when this instruction is accepted.
The pre-instruction is defined to enter write DDRAM mode. The following continuously data means content of DDRAM
without pre-instruction. Write Display Data would be stopped when any other instruction is accepted.
Read Display Data
The instruction is used to transfer data from DDRAM to MCU without changing status of ST7586S. The column address and
row address will be reset to staring column address (XS) and starting row address (YS) when this instruction is accepted.
The pre-instruction is defined to enter read DDRAM mode. The following continuously data means content of DDRAM
without pre-instruction. Read Display Data would be stopped when any other instruction is accepted. Read Display Data is
only available via the parallel interface.
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Description
0
0
0
0
1
0
1
0
1
0
1
0
XS15
XS14
XS13
XS12
XS11
XS10
XS9
XS8
1
0
XS7
XS6
XS5
XS4
XS3
XS2
XS1
XS0
1
0
XE15
XE14
XE13
XE12
XE11
XE10
XE9
XE8
1
0
XE7
XE6
XE5
XE4
XE3
XE2
XE1
XE0
XS: Starting column address
XE: Ending column address
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Description
0
0
0
0
1
0
1
0
1
1
1
0
YS15
YS14
YS13
YS12
YS11
YS10
YS9
YS8
1
0
YS7
YS6
YS5
YS4
YS3
YS2
YS1
YS0
1
0
YE15
YE14
YE13
YE12
YE11
YE10
YE9
YE8
1
0
YE7
YE6
YE5
YE4
YE3
YE2
YE1
YE0
YS: Starting row address
YE: Ending row address
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Description
0
0
0
0
1
0
1
1
0
0
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Write display data to DDRAM
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Description
0
0
0
0
1
0
1
1
1
0
1
1
D7
D6
D5
D4
D3
D2
D1
D0
Read display data from DDRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com