Electronic Components Datasheet Search
  English  ▼

X  

ST7586S Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7586S
Description  4-Level Gray Scale Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7586S Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7586S Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
ST
Sitronix
ST7586S
4-Level Gray Scale Dot Matrix LCD Controller/Driver
Ver-1.1a
1/63
2009/11/30
INTRODUCTION
ST7586S is a driver & controller LSI for 4-level gray scale graphic dot-matrix liquid crystal display systems. It contains
384-segment and 160-common driver circuits. This chip can be connected directly to a microprocessor which accepts 8-bit
parallel interface (8080-series or 6800-series type), 4-Line serial interface or 3-Line serial interface. Display data is stored
into an on-chip Display Data RAM (DDRAM). It performs the Display Data RAM read/write operation without external
operating clock, and the power consumption can be minimized. In addition, since all necessary power supply circuits for LCD
system are built-in, ST7586S constructs a LCD display system with the fewest components.
FEATURES
Single-chip LCD controller/driver
Driver Output Circuits
♦ 384 segment outputs / 160 common outputs
On-chip Display Data RAM
♦ Capacity: 384 x 160 x 2 = 122,880 bits
Various Partial Display Features
♦ Applicable partial duty
♦ Partial window moving & data scrolling
Microprocessor Interface
♦ 8-bit parallel bi-directional interface supports
6800-series or 8080-series MPU
♦ 4-Line serial interface
♦ 3-Line (9-bit) serial interface
On-chip Low Power Analog Circuit
♦ On-chip oscillator circuit
♦ Voltage booster with built-in boost-capacitors
♦ Extremely few external components: 4 capacitors
♦ Built-in voltage regulator with programmable contrast
♦ Built-in voltage follower supports LCD bias voltage
Available bias: 1/9 ~ 1/14
Operating Voltage Range
♦ Digital Power (VDD1): 1.8V ~ 3.3V (TYP.)
♦ Analog Power (VDD2~VDD5, VDDX):
2.8V ~ 3.3V (TYP.)
♦ LCD operation voltage (Vop = V0-XV0) : 18V
Built-in OTP−ROM for LCD Vop Optimization
Package Type: COG
ST7586S
6800, 8080, 4-Line & 3-Line Interface
Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice.


Similar Part No. - ST7586S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7580 STMICROELECTRONICS-ST7580 Datasheet
830Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
26-Jan-2012
ST7580 STMICROELECTRONICS-ST7580 Datasheet
990Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
30-May-2016
ST7580TR STMICROELECTRONICS-ST7580TR Datasheet
990Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
30-May-2016
logo
Sitronix Technology Co....
ST7585 SITRONIX-ST7585 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
81 x 132 Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7586S

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6682 NJRC-NJU6682 Datasheet
992Kb / 58P
160-common x 132-segment DOT MATRIX LCD DRIVER FOR 4 GRAY SCALE
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7528 SITRONIX-ST7528 Datasheet
1Mb / 97P
16 Gray Scale Dot Matrix LCD Controller/Driver
ST7529 SITRONIX-ST7529 Datasheet
1Mb / 86P
32 Gray Scale Dot Matrix LCD Controller/Driver
ST7541 SITRONIX-ST7541 Datasheet
1Mb / 78P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com