Electronic Components Datasheet Search
  English  ▼

X  

ST7586S Datasheet(PDF) 25 Page - Sitronix Technology Co., Ltd.

Part # ST7586S
Description  4-Level Gray Scale Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7586S Datasheet(HTML) 25 Page - Sitronix Technology Co., Ltd.

Back Button ST7586S Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 29Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
ST7586S
Ver-1.1a
25/63
2009/11/30
Temperature Gradient Selection Circuit
SET V0 with temperature compensation (Temperature
≠ 24°C)
There are 16-line slopes in each temperature step, and customer can select one line slope of temperature compensation
coefficient for each temperature step. Each temperature step is 8°C. Please see Fig. 11 as below.
Fig. 11
Temperature Compensation Coefficient Selection
In instruction Temperature Gradient Compensation each parameter MTx, where x=0, 1, 2,…, E, F has a setting value
between 0 and 15. MTx=0 results in Mx=0V increment on V0, MTx=1 results in Mx=5mV increment,…, MTx=15 results in
Mx=15x5mV=75mV increment. Note that each MTx individually corresponds to a temperature interval; the Mx means
temperature gradient slope coefficient. The relations between Mx and V0 quantity due to temperature V0(T) are described in
the equation shown in Table 3.
Temerature Range
Equation V0(T) at temperature=T°C
-40°C ≦ T < -32°C
V0(T) = V0(T24) + (-32 - T) x M0 + (M1 + M2 + M3 + M4 + M5 + M6 + M7) x 8
-32°C ≦ T < -24°C
V0(T) = V0(T24) + (-24 - T) x M1 + (M2 + M3 + M4 + M5 + M6 + M7) x 8
-24°C ≦ T < -16°C
V0(T) = V0(T24) + (-16 - T) x M2 + (M3 + M4 + M5 + M6 + M7) x 8
-16°C ≦ T < -8°C
V0(T) = V0(T24) + (-8 - T) x M3 + (M4 + M5 + M6 + M7) x 8
-8°C ≦ T < 0°C
V0(T) = V0(T24) + (0 - T) x M4 + (M5 + M6 + M7) x 8
0°C ≦ T < 8°C
V0(T) = V0(T24) + (8 - T) x M5 + (M6 + M7) x 8
8°C ≦ T < 16°C
V0(T) = V0(T24) + (16 - T) x M6 + M7 x 8
16°C ≦ T < 24°C
V0(T) = V0(T24) + (24 - T) x M7
24°C ≦ T < 32°C
V0(T) = V0(T24) - (T - 24) x M8
32°C ≦ T < 40°C
V0(T) = V0(T24) - (T - 32) x M9 – M8 x 8
40°C ≦ T < 48°C
V0(T) = V0(T24) - (T - 40) x M10 – (M9 + M8) x 8
48°C ≦ T < 56°C
V0(T) = V0(T24) - (T - 48) x M11 – (M10 + M9 + M 8) x 8
56°C ≦ T < 64°C
V0(T) = V0(T24) - (T - 56) x M12 – (M11 + M10 + M9 + M8) x 8
64°C ≦ T < 72°C
V0(T) = V0(T24) - (T - 64) x M13 – (M12 + M11 + M10 + M9 + M8) x 8
72°C ≦ T < 80°C
V0(T) = V0(T24) - (T - 72) x M14 – (M13 + M12 + M11 + M10 + M9 + M8) x 8
80°C ≦ T < 88°C
V0(T) = V0(T24) - (T - 80) x M15 – (M14 + M13 + M12 + M11 + M10 + M9 + M8) x 8
Table 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com