Electronic Components Datasheet Search
  English  ▼

X  

ST7586S Datasheet(PDF) 13 Page - Sitronix Technology Co., Ltd.

Part # ST7586S
Description  4-Level Gray Scale Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7586S Datasheet(HTML) 13 Page - Sitronix Technology Co., Ltd.

Back Button ST7586S Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 17Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
ST7586S
Ver-1.1a
13/63
2009/11/30
LCD Driver Outputs
Name
Type
Description
SEG0
to
SEG383
Output
LCD SEG-driver outputs.
The display data and the polar-signal (M) control the output voltage of SEG-driver.
Segment Driver Output Voltage
Display Data
M
Normal Display
Reverse Display
H
H
VG
VSS
H
L
VSS
VG
L
H
VSS
VG
L
L
VG
VSS
Display OFF, Sleep-In mode
VSS
VSS
COM0
to
COM159
Output
LCD COM-driver outputs.
The internal scanning data and the polar-signal (M) control the output voltage of COM-driver.
Scan data
M
Common Driver Output Voltage
H
H
XV0
H
L
V0
L
H
VM
L
L
VM
Display OFF, Sleep-In mode
VSS
Microprocessor Interface
Name
Type
Description
RSTB
Input
Reset input pin. When RSTB is “L”, internal initialization procedure is executed.
IF[3:1]
Input
These pins select interface operation mode.
IF3
IF2
IF1
MPU interface type
H
H
L
80 series 8-bit parallel
H
L
L
68 series 8-bit parallel
L
H
H
8-bit serial (4-Line)
L
H
L
9-bit serial (3-Line)
Note: Refer to “Interface Selection” for detailed information.
CSB
Input
Chip select input pin.
CSB=“L”: This chip is selected and the MPU interface is active.
CSB=“H”: This chip is not selected and the MPU interface is disabled (D[7:0] are high impedance).
A0
Input
The function of this pin is different in parallel and serial interface.
In parallel interface: A0 is register selection input.
A0 = "H": inputs on data bus are display data;
A0 = "L": inputs on data bus are command.
In serial interface: this pad will be used as SCL (serial-clock) input
RWR
Input
Read / Write execution control pin. (This pin is only used in parallel interface)
MPU Type
RWR
Description
6800-series
R/W
Read / Write control input pin
R/W = “H” : read
R/W = “L” : write
8080-series
/WR
Write enable clock input pin.
The data are latched at the rising edge of the /WR signal.
This pin is not used in serial interfaces and should be connected to VDD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com