Electronic Components Datasheet Search
  English  ▼

X  

ST7586S Datasheet(PDF) 19 Page - Sitronix Technology Co., Ltd.

Part # ST7586S
Description  4-Level Gray Scale Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7586S Datasheet(HTML) 19 Page - Sitronix Technology Co., Ltd.

Back Button ST7586S Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 23Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
ST7586S
Ver-1.1a
19/63
2009/11/30
1 1 0 0 0 0 0 0 1 1 0 0 1 1
0 0 0 0 1 1 0 0 0 0 1 1 0 0
1 1 1 0 0 1
1
0 0 0 0 1 1
1
1 1 1
1 1 0 0
1 0 0 0 0 1 1
0 0 0 0 1 1 0 0 0 0 1 1 0 0
1 1 0 0 0 0
1
1
1 1 0 0 0 0
0 0 1 1 0 0 1 1 0 0 1 1 1 1
1 1 1 0 0 1 1
1
1 1 1 1 0 0
1
1
1 1
0 0
1 1 0 0 0 0
0 0 1 1 0 0
1 1 0 0 0 0
1 1 1 1 0 0
0 0 1
0
1
0
0 0 0 0 1 1
1 1 0 0 1 1
SEG
3N
(3 Bits)
SEG
3N+1
(3 Bits)
SEG
3N+2
(2 Bits)
0 0 X 1 1 X 1 1
D7 D6 D5 D4 D3 D2 D1 D0
Display Data RAM
Liquid Crystal Display
3 Bits Data
D7
(D4)
D6
(D3)
D5
(D2)
1
1
X
0
0
X
1
1
0
0
DDRAM
LCD
2 Bits Data
D1
D0
1
1
0
0
1
1
0
0
DDRAM
LCD
1 1 X 0 0 X 0 0
D7 D6 D5 D4 D3 D2 D1 D0
SEG
3N
(3 Bits)
SEG
3N+1
(3 Bits)
SEG
3N+2
(2 Bits)
Fig. 4
DDRAM Mapping (Monochrome Mode)
00h
01h
02h
7Dh
7Eh
7Fh
384 Columns
160 Rows
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
96h
97h
98h
99h
9Ah
9Bh
9Ch
9Dh
9Eh
9Fh
Column
Address
Row
Address
D7
D0
Fig. 5
DDRAM Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com