Electronic Components Datasheet Search
  English  ▼

X  

ST7586S Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST7586S
Description  4-Level Gray Scale Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7586S Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7586S Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
ST7586S
Ver-1.1a
22/63
2009/11/30
Line Address Circuit
This circuit assigns DDRAM a Line Address corresponding to the first line (setting by instruction of First Output COM) of
display. Therefore, by setting Line Address repeatedly, ST7586S is possible to realize the screen scrolling without changing
the content of DDRAM as shown in Fig. 7.
Row
Address
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
18h
19h
1Ah
1Bh
1Ch
1Dh
1Eh
1Fh
20h
21h
22h
23h
24h
25h
26h
27h
28h
29h
2Ah
2Bh
2Ch
2Dh
2Eh
2Fh
30h
31h
32h
33h
34h
35h
36h
37h
38h
39h
3Ah
3Bh
3Ch
3Dh
3Eh
3Fh
90h
91h
92h
93h
94h
95h
96h
97h
98h
99h
9Ah
9Bh
9Ch
9Dh
9Eh
9Fh
80h
81h
82h
83h
84h
85h
86h
87h
88h
89h
8Ah
8Bh
8Ch
8Dh
8Eh
8Fh
Column Address
MX=1
MX=0
COM
PAD
COM0
COM1
COM2
COM3
COM4
COM5
COM6
COM7
COM8
COM9
COM10
COM11
COM12
COM13
COM14
COM15
COM16
COM17
COM18
COM19
COM20
COM21
COM22
COM23
COM24
COM25
COM26
COM27
COM28
COM29
COM30
COM31
COM32
COM33
COM34
COM35
COM36
COM37
COM38
COM39
COM40
COM41
COM42
COM43
COM44
COM45
COM46
COM47
COM48
COM49
COM50
COM51
COM52
COM53
COM54
COM55
COM56
COM57
COM58
COM59
COM60
COM61
COM62
COM63
COM147
COM148
COM149
COM150
COM151
COM152
COM153
COM154
COM155
COM156
COM157
COM158
COM159
COM134
COM135
COM136
COM137
COM138
COM139
COM140
COM141
COM142
COM143
COM144
COM145
COM146
COM128
COM129
COM130
COM131
COM132
COM133
MY=0
SEG PAD
MX=1
MX=0
Fig. 7
Display Data RAM Map (1/160 Duty)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com