Electronic Components Datasheet Search
  English  ▼

X  

ST7586S Datasheet(PDF) 18 Page - Sitronix Technology Co., Ltd.

Part # ST7586S
Description  4-Level Gray Scale Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7586S Datasheet(HTML) 18 Page - Sitronix Technology Co., Ltd.

Back Button ST7586S Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 22Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
ST7586S
Ver-1.1a
18/63
2009/11/30
Display Data RAM (DDRAM)
ST7586S containing a 384x160x2 bit static RAM stores the display data. The display data RAM (DDRAM) stores the pixel
data of the LCD. The built-in DDRAM is an addressable memory array with 384 columns by 160 rows. ST7586S provides two
kinds of display modes (monochrome mode and 4-level gray scale mode) and a fast-addressing mode for fast updating
display data. Each column address represents 3 sub-columns. For example, setting the column address to “01h” means that
upcoming 8 bits data is addressing to column 3; column 4 and column 5 respectively (refer to Fig. 3 and Fig. 4). The display
data which is written by MCU will be stored in DDRAM with the format of D7 at the left and D0 at the right when MX=0 (refer
to Fig. 3 and Fig. 4). The row address is directly related to the row output number. The LCD controller reads the pixel data in
DDRAM, and then it outputs to COM/SEG pad. While the LCD controller operates independently, display data can be written
into DDRAM at the same time and data is also being displayed on LCD panel without causing the abnormal display.
1 1 1 0 0 1 0 0 1 1 1 0 0 1
0 1 0 0 1 1 1 0 0 0 0 1 0 1
1 1 1 0 0 1
1
0 0 0 0 1 0
1
1 1 1
1 1 0 0
0 0 0 0 0 1 1
0 1 0 0 1 1 1 0 0 0 0 1 0 1
1 1 1 0 0 1
0
1
1 0 0 0 0 1
0 1 1 1 0 0 1 1 0 0 0 1 0 1
1 1 1 0 0 1 1
1
1 1 1 0 0 1
1
1
1 0
0 0
1 0 0 0 0 1
0 0 0 1 0 1
1 1 1 0 0 1
0 1 1 1 0 0
0 0 1
0
1
1
1 0 0 1 1 0
1 0 0 1 1 1
1 1 1 1 0 0 0 1
D7 D6 D5 D4 D3 D2 D1 D0
SEG
3N
(3 Bits)
SEG
3N+1
(3 Bits)
SEG
3N+2
(2 Bits)
SEG
3N
(3 Bits)
SEG
3N+1
(3 Bits)
SEG
3N+2
(2 Bits)
0 0 0 1 0 0 1 1
D7 D6 D5 D4 D3 D2 D1 D0
Display Data RAM
Liquid Crystal Display
Fix LSB to 0 if Gray Mode
2 Bits Data
D1
D0
1
1
1
0
0
1
0
0
1
1
1
0
0
1
0
0
DDRAM
LCD
3 Bits Data
D7
(D4)
D6
(D3)
D5
(D2)
1
1
1
1
0
0
0
1
0
0
0
0
1
1
1
0
0
1
0
0
DDRAM
LCD
Fig. 3
DDRAM Mapping (4-Level Gray Scale Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com